Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS563PKA154MSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS563PKA154MSZ
Description  High-Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS563PKA154MSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS563PKA154MSZ Datasheet HTML 1Page - Coilcraft lnc. MS563PKA154MSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
High-Reliability PowerInductorsMS563PKA
3316 POWER INDUCTOR
Core material Ferrite
Terminations Tin-lead (63/37) over copper
Weight 0.95 – 1.25 g
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 750 per 13
″ reel
Plastic tape: 24 mm wide, 0.35 mm thick, 12 mm pocket spacing,
6.4 mm pocket depth
High temperature materials allow operation in ambient
temperatures up to 155°C.
Tin-lead (Sn-Pb) soldered self-leaded construction for
excellent solderability.
Very low DCR values and excellent current handling
1. When ordering, specify
testing code:
MS563PKA301MSZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance tested at 100 kHz,
0.1 Vrms, 0 Adc using an Agilent/HP
4263B LCR meter or equivalent.
3. SRF measured using Agilent/
HP 8753D network analyzer or
equivalent..
4. Typical DC current at which the
inductance drops 10% (typ) from its
value without current.
5. Typical Current that causes a 40°C
temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface
Mount Components” before soldering.
DCR
SRF
Isat (A)4
Irms (A)5
Inductance2
(mOhm)
(MHz)3
10%
20%
30%
20°C
40°C
Part number1
±20% (µH)
typ
max
min
typ
drop
drop
drop
rise
rise
MS563PKA301MSZ
0.3
2.6
3.0
200
238
14.0
16.0
17.0
8.0
12.0
MS563PKA901MSZ
0.9
5.1
6.0
122
153
8.6
10.2
10.9
6.1
8.8
MS563PKA122MSZ
1.2
5.1
6.0
100
125
7.0
8.4
9.3
3.4
5.6
MS563PKA182MSZ
1.8
7.7
9.0
86
108
6.2
7.4
8.1
3.2
5.0
MS563PKA222MSZ
2.2
6.8
10
74
92
6.0
6.7
7.2
2.9
4.5
MS563PKA272MSZ
2.7
9.4
11
63
79
5.1
6.0
6.4
2.7
4.2
MS563PKA332MSZ
3.3
11.1
13
57
71
4.7
5.5
6.0
2.4
4.0
MS563PKA392MSZ
3.9
15.3
18
54
68
4.3
5.2
5.5
2.4
4.0
MS563PKA472MSZ
4.7
20.4
24
46
57
4.0
4.4
4.8
2.4
3.7
MS563PKA562MSZ
5.6
21.3
25
43
53
3.6
4.1
4.4
2.2
3.3
MS563PKA682MSZ
6.8
25.5
30
38
48
3.3
3.7
4.0
2.2
3.3
MS563PKA822MSZ
8.2
29.8
35
35
44
2.9
3.4
3.7
2.2
3.2
MS563PKA103MSZ
10
32.3
38
30
38
2.7
3.1
3.4
2.1
3.1
MS563PKA123MSZ
12
40.8
48
26
33
2.5
2.9
3.1
1.7
2.7
MS563PKA153MSZ
15
49.3
58
25
31
2.2
2.5
2.8
1.9
2.6
MS563PKA183MSZ
18
59.5
70
21
27
2.1
2.4
2.6
1.9
2.5
MS563PKA223MSZ
22
72.3
85
20
25
1.9
2.1
2.3
1.8
2.4
MS563PKA273MSZ
27
85
100
19
24
1.7
1.9
2.1
1.3
1.9
MS563PKA333MSZ
33
109
128
16
20
1.5
1.7
1.9
1.3
1.8
MS563PKA393MSZ
39
116
136
14
18
1.3
1.5
1.7
1.3
1.8
MS563PKA473MSZ
47
146
172
12
15
1.2
1.4
1.5
1.1
1.5
MS563PKA563MSZ
56
170
200
11
14
1.1
1.3
1.4
0.9
1.3
MS563PKA683MSZ
68
221
260
10
13
0.85
1.2
1.3
0.82
1.2
MS563PKA823MSZ
82
264
310
9.5
12
0.82
1.1
1.2
0.81
1.2
MS563PKA104MSZ
100
306
360
8.3
10
0.80
0.96
1.1
0.80
1.1
MS563PKA124MSZ
120
384
452
8.3
10
0.70
0.85
0.98
0.68
0.90
MS563PKA154MSZ
150
432
508
7.0
8.7
0.65
0.80
0.86
0.63
0.87
MS563PKA184MSZ
180
525
618
6.0
7.5
0.62
0.70
0.80
0.54
0.76
MS563PKA224MSZ
220
618
727
5.3
6.6
0.50
0.70
0.65
0.53
0.73
MS563PKA274MSZ
270
819
963
4.6
5.8
0.44
0.54
0.62
0.43
0.62
MS563PKA334MSZ
330
935
1100
4.4
5.5
0.42
0.48
0.58
0.41
0.57
MS563PKA394MSZ
390
1105
1300
3.9
4.8
0.41
0.46
0.53
0.38
0.53
MS563PKA474MSZ
470
1360
1600
3.6
4.3
0.35
0.44
0.48
0.34
0.47
Document MS196-1 Revised 04/22/11


Similar Part No. - MS563PKA154MSZ

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5637 TEC-MS5637 Datasheet
129Kb / 4P
   Digital Pressure Sensor
logo
Humirel
MS5637 HUMIREL-MS5637 Datasheet
353Kb / 9P
   Digital Pressure and Temperature Sensor
logo
TE Connectivity Ltd
MS5637-02BA03 TEC-MS5637-02BA03 Datasheet
476Kb / 18P
   Low Voltage Barometric Pressure Sensor
MS563702BA03-50 TEC-MS563702BA03-50 Datasheet
476Kb / 18P
   Low Voltage Barometric Pressure Sensor
MS5637 TEC-MS5637_16 Datasheet
129Kb / 4P
   Digital Pressure Sensor
More results

Similar Description - MS563PKA154MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com