Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1021ARQ Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1021ARQ
Description  Low Cost Microprocessor System Temperature Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1021ARQ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1021ARQ Datasheet HTML 4Page - Analog Devices ADM1021ARQ Datasheet HTML 5Page - Analog Devices ADM1021ARQ Datasheet HTML 6Page - Analog Devices ADM1021ARQ Datasheet HTML 7Page - Analog Devices ADM1021ARQ Datasheet HTML 8Page - Analog Devices ADM1021ARQ Datasheet HTML 9Page - Analog Devices ADM1021ARQ Datasheet HTML 10Page - Analog Devices ADM1021ARQ Datasheet HTML 11Page - Analog Devices ADM1021ARQ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM1021
–10–
REV. 0
ALERT OUTPUT
The
ALERT output goes low whenever an out-of limit measure-
ment is detected, or if the remote temperature sensor is open-
circuit. It is an open-drain and requires a 10 k
Ω pull-up to V
DD.
Several
ALERT outputs can be wire-ANDED together, so that
the common line will go low if one or more of the
ALERT out-
puts goes low.
The
ALERT output can be used as an interrupt signal to a
processor, or it may be used as an
SMBALERT. Slave devices
on the SMBus can normally not signal to the master that they
want to talk, but the
SMBALERT function allows them to do
so.
One or more
ALERT outputs are connected to a common
SMBALERT line connected to the master. When the SMBALERT
line is pulled low by one of the devices, the following procedure
occurs as illustrated in Figure 16.
MASTER
RECEIVES
SMBALERT
MASTER SENDS
ARA AND READ
COMMAND
DEVICE SENDS
ITS ADDRESS
NO
ACK
START
ALERT RESPONSE ADDRESS
RD
ACK
DEVICE ADDRESS
STOP
Figure 16. Use of
SMBALERT
1.
SMBALERT pulled low.
2. Master initiates a read operation and sends the Alert Re-
sponse Address (ARA = 0001 100). This is a general call
address that must not be used as a specific device address.
3. The device whose
ALERT output is low responds to the
Alert Response Address and the master reads its device ad-
dress. The address of the device is now known and it can be
interrogated in the usual way.
4. If more than one device’s
ALERT output is low, the one with
the lowest device address, will have priority, in accordance
with normal SMBus arbitration.
5. Once the ADM1021 has responded to the Alert Response
Address, it will reset its
ALERT output, provided that the
error condition that caused the
ALERT no longer exists. If
the
SMBALERT line remains low, the master will send
ARA again, and so on until all devices whose
ALERT out-
puts were low have responded.
LOW POWER STANDBY MODES
The ADM1021 can be put into a low power standby mode
using hardware or software, that is by taking the
STBY input
low, or by setting Bit 6 of the Configuration Register. When
STBY is high, or Bit 6 is low, the ADM1021 operates normally.
When
STBY is pulled low or Bit 6 is high, the ADC is inhibited,
any conversion in progress is terminated without writing the
result to the corresponding value register.
The SMBus is still enabled. Power consumption in the standby
mode is reduced to less than 10
µA if there is no SMBus activ-
ity, or 100
µA if there are clock and data signals on the bus.
These two modes are similar but not identical. When
STBY is
low, conversions are completely inhibited. When Bit 6 is set but
STBY is high, a one-shot conversion of both channels can be
initiated by writing XXh to the One-Shot Register (address 0Fh).
SENSOR FAULT DETECTION
The ADM1021 has a fault detector at the D+ input that detects
if the external sensor diode is open-circuit. This is a simple
voltage comparator that trips if the voltage at D+ exceeds VCC
1 V (typical). The output of this comparator is checked when a
conversion is initiated, and sets Bit 2 of the Status Register if a
fault is detected.
If the remote sensor voltage falls below the normal measuring
range, for example due to the diode being short-circuited, the
ADC will output –128
°C (1000 0000). Since the normal operat-
ing temperature range of the device only extends down to –55
°C,
this output code should never be seen in normal operation, so it
can be interpreted as a fault condition. Since it will be outside
the power-on default low temperature limit (–55
°C) and any
low limit that would normally be programmed, a short-circuit
sensor will cause an SMBus alert.
In this respect, the ADM1021 differs from and improves upon
competitive devices that output zero if the external sensor goes
short-circuit. These devices can misinterpret a genuine 0
°C
measurement as a fault condition.
If the external diode channel is not being used and it is shorted
out, then the resulting
ALERT may be cleared by writing 80h
(–128
°C) to the low limit register.
R/
W
A6
SCLK
SDATA
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK.
BY MASTER
STOP BY
MASTER
START BY
MASTER
19
1
ACK. BY
ADM1021
9
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE FROM ADM1021
Figure 15. Reading Data from a Previously Selected Register


Similar Part No. - ADM1021ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
logo
Analog Devices
ADM1021AARQ AD-ADM1021AARQ Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ-REEL AD-ADM1021AARQ-REEL Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
ADM1021AARQ-REEL7 AD-ADM1021AARQ-REEL7 Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
More results

Similar Description - ADM1021ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
logo
Analog Devices
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
   8-Lead, Low-Cost, System Temperature Monitor
REV. 0
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com