Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS598PTA602KSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS598PTA602KSZ
Description  High-Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS598PTA602KSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS598PTA602KSZ Datasheet HTML 1Page - Coilcraft lnc. MS598PTA602KSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2010
Specifications subject to change without notice.
Please check our website for latest information.
High-Reliability Power Inductors MS598PTA
Document MS290-1
Revised 09/29/10
POWER INDUCTORS
1. When ordering, please specify testing code:
MS598PTA103KS
Z
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
C = Custom screening (please specify when ordering)
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A or equivalent.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753D network analyzer.
5. Typical DC current at which the inductance drops 10% (typ) from its value without current.
6. Typical current that causes a 40°C temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ferrite
Terminations Tin-lead (63/37) over tin over nickel over phos bronze.
Weight 2.6 – 2.8 g
Ambient temperature –55°C to +105°C with
Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 500 per 13
″ reel;
Plastic tape: 24 mm wide, 0.4 mm thick, 16 mm pocket spacing,
6.6 mm pocket depth
High temperature materials allow operation in ambient
temperatures up to 155°C.
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
Inductance2
DCR (mOhm)3
SRF (MHz)4
Isat (A)5
Irms (A)6
Part number1
±10% (µH)
typ
max
min
typ
10% drop
20% drop
30% drop
20°C rise
40°C rise
MS598PTA331KSZ
0.33
0.77
0.85
140
200
36
41
43
13.0
16.9
MS598PTA651KSZ
0.65
0.77
0.85
112
160
23
27
28
13.0
16.9
MS598PTA102KSZ
1.0
2.36
2.60
52.5
75.0
32
33
33.5
9.5
13.0
MS598PTA182KSZ
1.8
2.36
2.60
35.0
50.0
17
19
20
9.5
13.0
MS598PTA272KSZ
2.7
2.36
2.60
29.4
42.0
12
13
14
9.5
13.0
MS598PTA402KSZ
4.0
5.50
6.05
23.8
34.0
11
12
13
7.1
9.4
MS598PTA472KSZ
4.7
5.50
6.05
22.4
32.0
9.5
11
12
7.1
9.4
MS598PTA602KSZ
6.0
5.50
6.05
19.6
28.0
8.0
9.0
9.5
7.1
9.4
MS598PTA802KSZ
8.0
9.83
10.81
18.2
26.0
7.5
8.5
9.0
5.5
7.6
MS598PTA103KSZ
10
9.83
10.81
16.8
24.0
6.2
7.0
7.5
4.4
7.2


Similar Part No. - MS598PTA602KSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS590PNB COILCRAFT-MS590PNB Datasheet
567Kb / 2P
   High Reliability Power Inductors
MS590PNB102NSZ COILCRAFT-MS590PNB102NSZ Datasheet
567Kb / 2P
   High Reliability Power Inductors
MS590PNB103MSZ COILCRAFT-MS590PNB103MSZ Datasheet
567Kb / 2P
   High Reliability Power Inductors
MS590PNB104MSZ COILCRAFT-MS590PNB104MSZ Datasheet
567Kb / 2P
   High Reliability Power Inductors
MS590PNB105KSZ COILCRAFT-MS590PNB105KSZ Datasheet
567Kb / 2P
   High Reliability Power Inductors
More results

Similar Description - MS598PTA602KSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com