Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS590PNB223MSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS590PNB223MSZ
Description  High Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS590PNB223MSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS590PNB223MSZ Datasheet HTML 1Page - Coilcraft lnc. MS590PNB223MSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
1260 POWER INDUCTORS
Document MS599-1 Revised 09/19/11
High Reliability Power Inductors MS590PNB
Core material Ferrite
Terminations Tin-lead (63/37) over tin over nickel over phos bronze.
Weight: 2.8 g – 3.3 g
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 500/13
″ reel; Plastic
tape: 24 mm wide, 0.35 mm thick, 16 mm pocket spacing,
6.6 mm pocket depth
High current, low DCR shielded power inductors
High temperature materials allow operation in ambient
temperatures up to 165°C.
Tin-lead (Sn-Pb) terminations for the best possible board
adhesion
DCR3
SRF 4
Isat (A)5
Irms (A)6
Inductance2
(mOhms)
(MHz)
10% 20% 30% 20°C 40°C
Part number1
(µH)
typ
max
min typ
drop drop drop rise rise
MS590PNB102NSZ
1.0 ±30%
5.8
6.5 70
100
19.12 21.18 22.76 6.00 8.00
MS590PNB152NSZ
1.5 ±30%
8.8
9.8 56
80.0 14.44 16.40 17.64 5.30 7.60
MS590PNB222NSZ
2.2 ±30%
11.5
12.8 39
55.0 12.32 14.00 15.08 5.20 7.30
MS590PNB332NSZ
3.3 ±30%
12.6
14.0 29
42.0 10.88 12.22 13.12 5.00 7.00
MS590PNB472MSZ
4.7 ±20%
13.9
15.5 27
38.0
9.92 11.10 12.00 4.50 7.00
MS590PNB562MSZ
5.6 ±20%
14.9
16.6 21
30.0
8.54 9.60 10.38 4.00 6.40
MS590PNB682MSZ
6.8 ±20%
16.6
18.5 19.0 27.0
7.80 8.80 9.44 3.80 5.90
MS590PNB822MSZ
8.2 ±20%
20.2
22.5 18.0 26.0
6.44 7.38 7.98 3.40 4.80
MS590PNB103MSZ
10 ±20%
21.5
23.9 15.0 22.0
6.00 6.92 7.48 3.00 4.00
MS590PNB123MSZ
12 ±20%
24.5
27.3 14.0 20.0
5.68 6.56 7.08 2.80 3.70
MS590PNB153MSZ
15 ±20%
30.7
34.2 12.6 18.0
5.34 6.04 6.54 2.60 3.50
MS590PNB183MSZ
18 ±20%
35.4
39.4 11.2 16.0
4.82 5.54 6.00 2.50 3.30
MS590PNB223MSZ
22 ±20%
36.6
40.7 10.5 15.0
4.42 5.04 5.44 2.30 3.10
MS590PNB273MSZ
27 ±20%
51.3
57.0
9.0 13.0
3.78 4.32 4.68 2.10 2.90
MS590PNB333MSZ
33 ±20%
54.9
61.0
8.7 12.4
3.50 4.00 4.34 2.00 2.70
MS590PNB393MSZ
39 ±20%
58.0
64.5
8.4 12.0
3.32 3.80 4.14 1.90 2.60
MS590PNB473MSZ
47 ±20%
80.1
89.0
8.0 11.6
2.84 3.26 3.54 1.85 2.50
MS590PNB563MSZ
56 ±20%
82.5
91.7
7.3 10.5
2.64 3.04 3.28 1.75 2.40
MS590PNB683MSZ
68 ±20%
94.5 105.0
7.0 10.0
2.46 2.82 3.04 1.70 2.30
MS590PNB823MSZ
82 ±20%
131.6 146.3
6.0
8.6
2.24 2.54 2.74 1.60 2.20
MS590PNB104MSZ 100 ±20%
141.8 157.6
5.5
7.8
2.06 2.34 2.54 1.50 2.10
MS590PNB124KSZ 120 ±10%
193.3 214.8
4.8
6.8
1.84 2.08 2.28 1.38 1.85
MS590PNB154KSZ 150 ±10%
215.4 239.4
4.5
6.4
1.64 1.90 2.06 1.20 1.66
MS590PNB184KSZ 180 ±10%
254.2 282.5
4.3
6.1
1.46 1.70 1.84 1.14 1.58
MS590PNB224KSZ 220 ±10%
314.1 349.0
3.9
5.5
1.30 1.48 1.60 1.00 1.42
MS590PNB274KSZ 270 ±10%
368.8 409.8
3.0
4.3
1.18 1.38 1.48 0.90 1.45
MS590PNB334KSZ 330 ±10%
481.3 534.8
2.8
4.0
1.04 1.20 1.30 0.84 1.16
MS590PNB394KSZ 390 ±10%
517.5 575.0
2.5
3.6
1.00 1.16 1.28 0.78 1.08
MS590PNB474KSZ 470 ±10%
721.2 801.4
2.1
3.0
0.906 1.00 1.10 0.70 0.96
MS590PNB564KSZ 560 ±10%
773.1 859.0
2.0
2.8
0.872 0.980 1.02 0.64 0.88
MS590PNB684KSZ 680 ±10%
867.6 964.0
1.8
2.6
0.782 0.886 0.956 0.58 0.80
MS590PNB824KSZ 820 ±10% 1158 1287
1.7
2.5
0.692 0.784 0.854 0.53 0.73
MS590PNB105KSZ 1000 ±10% 1273 1415
1.6
2.4
0.588 0.672 0.726 0.48 0.68
1. When ordering, please specify
testing code:
MS590PNB824KSZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms,
0 Adc using an Agilent/HP 4263B LCR
meter or equivalent.
3. DCR measured on a micro-ohmmeter and a
Coilcraft CCF858 test fixture.
4. SRF measured using an Agilent/HP 8753D
network analyzer.
5. DC current at which the inductance drops
the specified amount from its value without
current.
6. Current that causes the specified tempera-
ture rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.


Similar Part No. - MS590PNB223MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS590PND COILCRAFT-MS590PND Datasheet
567Kb / 3P
   High Reliability Coupled Inductors
MS590PND103MSZ COILCRAFT-MS590PND103MSZ Datasheet
567Kb / 3P
   High Reliability Coupled Inductors
MS590PND104MSZ COILCRAFT-MS590PND104MSZ Datasheet
567Kb / 3P
   High Reliability Coupled Inductors
MS590PND105KSZ COILCRAFT-MS590PND105KSZ Datasheet
567Kb / 3P
   High Reliability Coupled Inductors
MS590PND123MSZ COILCRAFT-MS590PND123MSZ Datasheet
567Kb / 3P
   High Reliability Coupled Inductors
More results

Similar Description - MS590PNB223MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com