Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON6932A Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON6932A
Description  30V Dual Asymmetric N-Channel AlphaMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6932A Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON6932A Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 7Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 8Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AON6932A
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1.4
1.8
2.2
V
4.1
5
TJ=125°C
5.6
6.8
6.7
8.5
m
gFS
91
S
VSD
0.7
1
V
IS
28
A
Ciss
1037
pF
Coss
441
pF
Crss
61
pF
Rg
0.7
1.5
2.3
Qg(10V)
15.5
22
nC
Qg(4.5V)
6.8
10
nC
Qgs
3.0
nC
Qgd
3.6
nC
tD(on)
5.5
ns
tr
3.3
ns
t
18
ns
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Q1 Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
µA
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
m
VGS=0V, VDS=0V, f=1MHz
Forward Transconductance
IS=1A,VGS=0V
VDS=5V, ID=20A
VGS=4.5V, ID=20A
VDS=VGS ID=250µA
Reverse Transfer Capacitance
VGS=10V, ID=20A
Diode Forward Voltage
Total Gate Charge
VGS=10V, VDS=15V, ID=20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
VGS=10V, VDS=15V, RL=0.75Ω,
R
=3
Gate resistance
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
tD(off)
18
ns
tf
4.3
ns
trr
12.7
ns
Qrr
17.2
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
IF=20A, dI/dt=500A/µs
Body Diode Reverse Recovery Time
Turn-Off Fall Time
RGEN=3Ω
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Turn-Off DelayTime
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA ≤ 10s and the maximum allowed junction temperature of 150°C. The value in any given application
depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is limited by package.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25
°
C.
Rev 0 : Nov. 2012
www.aosmd.com
Page 2 of 10


Similar Part No. - AON6932A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6934 AOSMD-AON6934 Datasheet
526Kb / 10P
   RoHS and Halogen-Free Compliant
AON6934A AOSMD-AON6934A Datasheet
583Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6936 AOSMD-AON6936 Datasheet
711Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6938 AOSMD-AON6938 Datasheet
557Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
More results

Similar Description - AON6932A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7934 AOSMD-AON7934 Datasheet
552Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6928 AOSMD-AON6928 Datasheet
606Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6973A AOSMD-AON6973A Datasheet
488Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6938 AOSMD-AON6938 Datasheet
557Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6970 AOSMD-AON6970 Datasheet
540Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6934A AOSMD-AON6934A Datasheet
583Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6936 AOSMD-AON6936 Datasheet
711Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6974A AOSMD-AON6974A Datasheet
487Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6816 AOSMD-AON6816 Datasheet
287Kb / 6P
   30V Dual N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com