Electronic Components Datasheet Search |
|
AON6928 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors |
|
AON6928 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors |
2 / 10 page AON6928 Symbol Min Typ Max Units BVDSS 30 V VDS=30V, VGS=0V 1 TJ=55°C 5 IGSS 100 nA VGS(th) Gate Threshold Voltage 1.5 1.95 2.5 V 6.8 8.2 TJ=125°C 9.7 11.6 9.2 11.5 m Ω gFS 63 S VSD 0.72 1 V IS 30 A Ciss 1150 pF Coss 180 pF Crss 105 pF Rg 0.55 1.1 1.65 Ω Qg(10V) 20 24 nC Qg(4.5V) 9.5 11.4 nC Qgs 2.7 nC Qgd 5 nC tD(on) 6.5 ns tr 2 ns t 17 ns Turn-On DelayTime VGS=10V, VDS=15V, RL=0.75Ω, R =3 Ω Turn-On Rise Time Turn-Off DelayTime SWITCHING PARAMETERS Total Gate Charge VGS=10V, VDS=15V, ID=20A Total Gate Charge Gate Source Charge Gate Drain Charge Input Capacitance VGS=0V, VDS=15V, f=1MHz Output Capacitance Reverse Transfer Capacitance Gate resistance VGS=0V, VDS=0V, f=1MHz Forward Transconductance VDS=5V, ID=20A Diode Forward Voltage IS=1A,VGS=0V Maximum Body-Diode Continuous Current G DYNAMIC PARAMETERS RDS(ON) Static Drain-Source On-Resistance VGS=10V, ID=20A m Ω VGS=4.5V, ID=20A IDSS Zero Gate Voltage Drain Current µA Gate-Body leakage current VDS=0V, VGS= ±20V VDS=VGS ID=250µA Q1 Electrical Characteristics (TJ=25°C unless otherwise noted) Parameter Conditions STATIC PARAMETERS Drain-Source Breakdown Voltage ID=250µA, VGS=0V tD(off) 17 ns tf 3.5 ns trr 8.7 ns Qrr 13.5 nC COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE. Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs RGEN=3Ω Turn-Off DelayTime Turn-Off Fall Time Body Diode Reverse Recovery Time IF=20A, dI/dt=500A/µs A. The value of RθJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with T A =25°C. The Power dissipation P DSM is based on R θJA t≤ 10s and the maximum allowed junction temperature of 150°C. The value in any given application depends on the user's specific board design. B. The power dissipation P D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsinking is used. C. Repetitive rating, pulse width limited by junction temperature T J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep initial T J =25°C. D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient. E. The static characteristics in Figures 1 to 6 are obtained using <300 µs pulses, duty cycle 0.5% max. F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of T J(MAX)=150°C. The SOA curve provides a single pulse rating. G. The maximum current rating is limited by package. H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25 ° C. Rev 0 : Nov. 2012 www.aosmd.com Page 2 of 10 |
Similar Part No. - AON6928 |
|
Similar Description - AON6928 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |