Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG774BRQ Datasheet(PDF) 5 Page - Analog Devices

Part # ADG774BRQ
Description  CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774BRQ Datasheet(HTML) 5 Page - Analog Devices

  ADG774BRQ Datasheet HTML 1Page - Analog Devices ADG774BRQ Datasheet HTML 2Page - Analog Devices ADG774BRQ Datasheet HTML 3Page - Analog Devices ADG774BRQ Datasheet HTML 4Page - Analog Devices ADG774BRQ Datasheet HTML 5Page - Analog Devices ADG774BRQ Datasheet HTML 6Page - Analog Devices ADG774BRQ Datasheet HTML 7Page - Analog Devices ADG774BRQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TA = +25 C
VS OR VD DRAIN OR SOURCE VOLTAGE – V
1.3
2.5
3.7
4.9
5.0
4.5
0
2.0
1.5
1.0
0.5
3.0
2.5
3.5
4.0
VDD = +2.7V
VDD = +3.0V
VDD = +4.5V
VDD = +5.0V
Figure 1. On Resistance as a Function of VD (VS) for
Various Single Supplies
VDD = +5V
3.0
0
1.5
1.0
0.5
2.0
2.5
VS OR VO DRAIN OR SOURCE VOLTAGE – V
1.3
2.5
3.7
4.9
+85 C
+25 C
–40 C
Figure 2. On Resistance as a Function of VD (VS) for
Different Temperatures with 5 V Single Supplies
+85 C
+25 C
–40 C
4.5
0
2.0
1.5
1.0
3.0
2.5
3.5
4.0
0.5
VDD = +3V
VS OR VD DRAIN OR SOURCE VOLTAGE – V
0.6
1.1
1.6
2.1
2.6
Figure 3. On Resistance as a Function of VD (VS) for
Different Temperatures with 3 V Single Supplies
Typical Performance Characteristics–ADG774
–5–
REV. 0
VDD = +5V
FREQUENCY – Hz
0
10M
10k
–4
–2
100k
1M
100M
–6
Figure 4. On Response vs. Frequency
FREQUENCY – Hz
0
–10
–100
100k
1G
1M
10M
100M
–40
–70
–80
–90
–20
–30
–60
–50
VDD = +5V
RL = 100
Figure 5. Off Isolation vs. Frequency
FREQUENCY – Hz
0
–10
–100
100k
1G
1M
10M
100M
–40
–70
–80
–90
–20
–30
–60
–50
VDD = +5V
RL = 100
V P-P = 0.316V
Figure 6. Crosstalk vs. Frequency


Similar Part No. - ADG774BRQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
More results

Similar Description - ADG774BRQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774BRZ AD-ADG774BRZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG784 AD-ADG784 Datasheet
131Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. 0
ADG784BCPZ AD-ADG784BCPZ Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
ADG784 AD-ADG784_15 Datasheet
151Kb / 9P
   CMOS 3 V/5 V, Wide Bandwidth Quad
REV. A
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
   Wide Bandwidth Quad 2:1 Mux
REV. C
logo
Pericom Semiconductor C...
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
logo
Analog Devices
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
   3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG849 AD-ADG849 Datasheet
334Kb / 12P
   3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com