Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG758 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG758
Description  3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG758 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG758 Datasheet HTML 4Page - Analog Devices ADG758 Datasheet HTML 5Page - Analog Devices ADG758 Datasheet HTML 6Page - Analog Devices ADG758 Datasheet HTML 7Page - Analog Devices ADG758 Datasheet HTML 8Page - Analog Devices ADG758 Datasheet HTML 9Page - Analog Devices ADG758 Datasheet HTML 10Page - Analog Devices ADG758 Datasheet HTML 11Page - Analog Devices ADG758 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG758/ADG759
–10–
REV. A
Test Circuits
RON = V1/IDS
VS
V1
IDS
D
S
Test Circuit 1. ON Resistance
VD
A
0.8V
D
IS(OFF)
VSS
VDD
VSS
VDD
S1
S2
S8
EN
GND
VS
Test Circuit 2. IS (OFF)
VS
A
0.8V
D
ID (OFF)
VSS
VDD
VSS
VDD
S1
S2
S8
EN
GND
VD
Test Circuit 3. ID (OFF)
A
2.4V
D
ID (ON)
VSS
VDD
VSS
VDD
S1
S8
EN
GND
VD
NC
NC
NC = NO CONNECT
Test Circuit 4. ID (ON)
VS8
3V
50%
tTRANSITION
90%
90%
ADDRESS
DRIVE (VIN)
50%
0V
VS1
VOUT
tTRANSITION
A2
D
*SIMILAR CONNECTION FOR ADG759
A1
A0
EN
GND
ADG758*
S1
S8
S2 THRU S7
VIN
2.4V
50
35pF
VDD
VSS
VDD
VSS
VS1
VS8
300
RL
CL
VOUT
Test Circuit 5. Switching Time of Multiplexer, tTRANSITION
tOPEN
3V
80%
80%
ADDRESS
DRIVE (VIN)
0V
VOUT
A2
D
*SIMILAR CONNECTION FOR ADG759
A1
A0
EN
GND
ADG758*
S1
S8
S2 THRU S7
VIN
2.4V
50
35pF
VDD
VSS
VDD
VSS
VS
300
RL
CL
VOUT
Test Circuit 6. Break-Before-Make Delay, tOPEN


Similar Part No. - ADG758

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG758 AD-ADG758 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758BCPZ AD-ADG758BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758BCPZ-REEL7 AD-ADG758BCPZ-REEL7 Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
More results

Similar Description - ADG758

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG708 AD-ADG708 Datasheet
142Kb / 12P
   CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
REV. 0
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
Analog Devices
ADG781 AD-ADG781 Datasheet
169Kb / 8P
   2.5 ohm Quad SPST Switches in Chip Scale Package
REV. A
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com