Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS376RAA120_SZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS376RAA120_SZ
Description  High-Reliability Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS376RAA120_SZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS376RAA120_SZ Datasheet HTML 1Page - Coilcraft lnc. MS376RAA120_SZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
High-Reliability ChipInductors MS376RAA
1206 CHIP INDUCTORS
Inductance2
Percent
SRF min4
DCR max5
Imax
Part number1
(nH)
tolerance
Q min3
(MHz)
(Ohms)
(mA)
MS376RAA030JSZ
3.3 @ 100 MHz
5
29 @ 300 MHz
>5000
0.050
900
MS376RAA060JSZ
6.8 @ 100 MHz
5
24 @ 300 MHz
4380
0.070
900
MS376RAA100JSZ
10 @ 100 MHz
5,2,1
31 @ 300 MHz
3440
0.080
900
MS376RAA120_SZ
12 @ 100 MHz
5,2,1
40 @ 300 MHz
2560
0.100
900
MS376RAA150_SZ
15 @ 100 MHz
5,2,1
38 @ 300 MHz
2520
0.100
900
MS376RAA180_SZ
18 @ 100 MHz
5,2,1
50 @ 300 MHz
2260
0.100
900
MS376RAA220_SZ
22 @ 100 MHz
5,2,1
50 @ 300 MHz
2120
0.100
900
MS376RAA270_SZ
27 @ 100 MHz
5,2,1
50 @ 300 MHz
1800
0.110
900
MS376RAA330_SZ
33 @ 100 MHz
5,2,1
55 @ 300 MHz
1800
0.110
900
MS376RAA390_SZ
39 @ 100 MHz
5,2,1
55 @ 300 MHz
1800
0.120
900
MS376RAA470_SZ
47 @ 100 MHz
5,2,1
55 @ 300 MHz
1500
0.130
900
MS376RAA560_SZ
56 @ 100 MHz
5,2,1
55 @ 300 MHz
1400
0.140
900
MS376RAA680_SZ
68 @ 100 MHz
5,2,1
48 @ 150 MHz
1180
0.260
600
MS376RAA820_SZ
82 @ 100 MHz
5,2,1
52 @ 150 MHz
1120
0.210
700
MS376RAA101_SZ
100 @ 100 MHz
5,2,1
55 @ 150 MHz
1040
0.260
650
MS376RAA121_SZ
120 @ 100 MHz
5,2,1
53 @ 150 MHz
1040
0.260
620
MS376RAA151_SZ
150 @ 100 MHz
5,2,1
53 @ 150 MHz
920
0.310
720
MS376RAA181_SZ
180 @ 50 MHz
5,2,1
53 @ 150 MHz
780
0.430
580
MS376RAA221_SZ
220 @ 50 MHz
5,2,1
51 @ 150 MHz
700
0.500
550
MS376RAA271_SZ
270 @ 50 MHz
5,2,1
53 @ 150 MHz
630
0.560
470
MS376RAA331_SZ
330 @ 50 MHz
5,2,1
30 @ 35 MHz
570
0.620
370
MS376RAA391_SZ
390 @ 50 MHz
5,2,1
31 @ 35 MHz
540
0.750
370
MS376RAA471_SZ
470 @ 50 MHz
5,2,1
31 @ 35 MHz
500
1.30
320
MS376RAA561_SZ
560 @ 35 MHz
5,2,1
31 @ 35 MHz
440
1.34
300
MS376RAA621_SZ
620 @ 35 MHz
5,2,1
32 @ 35 MHz
440
1.60
270
MS376RAA681_SZ
680 @ 35 MHz
5,2,1
32 @ 35 MHz
410
1.58
260
MS376RAA751_SZ
750 @ 35 MHz
5,2,1
32 @ 35 MHz
400
2.20
220
MS376RAA821_SZ
820 @ 35 MHz
5,2,1
31 @ 35 MHz
370
1.82
240
MS376RAA911_SZ
910 @ 35 MHz
5,2,1
31 @ 35 MHz
350
2.85
190
MS376RAA102_SZ
1000 @ 35 MHz
5,2,1
32 @ 35 MHz
360
2.80
190
MS376RAA122_SZ
1200 @ 35 MHz
5,2,1
32 @ 35 MHz
320
3.20
170
The MS376RAA inductors feature high SRF and excellent
Q values.Their ceramic cores make 1% tolerances prac-
tical and economical and ensure the utmost in thermal
stability, predictability and consistency.
This robust version of Coilcraft’s standard 1206CS series
features a high temperature encapsulant that allows
operation in ambient temperatures up to 155°C and a
leach-resistant base metalization with 63/37 tin-lead ter-
minations that ensures the best possible board adhesion.
1. When ordering, please specify
tolerance and testing codes:
MS376RAA122JSZ
Tolerance: F = 1% G = 2% J = 5%
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
C = Custom screening (please specify when ordering)
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/HP 4286A impedance analyzer with Coilcraft-provided correlation pieces.
3. Q measured using an Agilent/HP 4291A with an Agilent/HP 16197A test fixture.
4. SRF measured using an Agilent/HP 8753ES network analyzer or equivalent and a Coilcraft CCF1297 test fixture.
5. DCR measured on a micro-ohmmeter.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Document MS104-1 Revised 11/06/12


Similar Part No. - MS376RAA120_SZ

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MS3748AEJ SENSATA-MS3748AEJ Datasheet
151Kb / 3P
   INVERTER/CHARGER
Rev: 07/20/19
logo
List of Unclassifed Man...
MS375 ETC1-MS375 Datasheet
57Kb / 2P
   SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MS375 BEL-MS375 Datasheet
385Kb / 2P
   Slow Blow Micro Fuse
MS375 BEL-MS375 Datasheet
1Mb / 4P
   TYPE MS SLOW BLOW MICRO FUSE
More results

Similar Description - MS376RAA120_SZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
   High-Reliability Chip Inductors
ML450RAB COILCRAFT-ML450RAB Datasheet
171Kb / 2P
   High-Reliability Chip Inductors
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
   High-Reliability Chip Inductors
ML413RAM COILCRAFT-ML413RAM Datasheet
184Kb / 2P
   High-Reliability Chip Inductors
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
MS336RAD COILCRAFT-MS336RAD Datasheet
173Kb / 2P
   High Reliability Chip Inductors
ML312RAA COILCRAFT-ML312RAA Datasheet
180Kb / 2P
   High-Reliability Chip Inductors
ML413RAD COILCRAFT-ML413RAD Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
MS450RAB COILCRAFT-MS450RAB Datasheet
169Kb / 2P
   High-Reliability Chip Inductors
ML336RAM COILCRAFT-ML336RAM Datasheet
191Kb / 2P
   High Reliability Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com