Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS235RAA5N1_SZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS235RAA5N1_SZ
Description  High-Reliability Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS235RAA5N1_SZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS235RAA5N1_SZ Datasheet HTML 1Page - Coilcraft lnc. MS235RAA5N1_SZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
High-ReliabilityChipInductorsMS235RAA
Document MS198-1 Revised 07/13/12
This 0402 size chip inductor series shares all of the
characteristics of Coilcraft’s other ceramic inductors: ex-
ceptionally high Q factors, especially at use frequencies;
outstanding self-resonant frequency; tight inductance
tolerance; and excellent batch-to-batch consistency.
This robust version of Coilcraft’s standard 0402CS series
features high temperature materials that allow operation
in ambient temperatures up to 155°C and a leach-resis-
tant base metalization with tin-lead (Sn-Pb) terminations
that ensures the best possible board adhesion.
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.047
0.025
0.026 0.010 0.020 0.009 0.022 0.026 0.014 0.018
1,19
0,64
0,66
0,25
0,51 0,23 0,56 0,66 0,36 0,46
Typical L vs Frequency
Typical Q vs Frequency
Current Derating
Core material Ceramic
Terminations Tin-lead (63/37) over silver-palladium-platinum-glass frit
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000 per 7
″ reel
Paper tape: 8 mm wide, 0.68 mm thick, 2 mm pocket spacing
0402 CHIP INDUCTORS
Note: Dimensions are before solder application. For maximum overall
dimensions including solder, add 0.0025 in / 0,064 mm to
B and
0.006 in / 0,15 mm to
A and C.
A
B
overall
C
D
J
F
F
G
H
E
terminal
Terminal wraparound:
approx 0.007/0,18 both ends
I
I
Suggested
Land Pattern
-40 -20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
27 nH
19 nH
12 nH
5.6 nH
1 nH
0
5
10
15
20
25
30
110
100
1000
10000
Frequency (MHz)
0
60
50
40
30
20
10
70
80
90
100
110
120
110
100
1000
10000
Frequency (MHz)
12 nH
19 nH
5.6 nH
27 nH
1 nH


Similar Part No. - MS235RAA5N1_SZ

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS2301 CIT-MS2301 Datasheet
130Kb / 1P
   CIT SWITCH
MS2301L12 CIT-MS2301L12 Datasheet
130Kb / 1P
   CIT SWITCH
MS2301L3 CIT-MS2301L3 Datasheet
130Kb / 1P
   CIT SWITCH
MS2301L4.5 CIT-MS2301L4.5 Datasheet
130Kb / 1P
   CIT SWITCH
MS2301L6 CIT-MS2301L6 Datasheet
130Kb / 1P
   CIT SWITCH
More results

Similar Description - MS235RAA5N1_SZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
   High-Reliability Chip Inductors
ML450RAB COILCRAFT-ML450RAB Datasheet
171Kb / 2P
   High-Reliability Chip Inductors
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
   High-Reliability Chip Inductors
ML413RAM COILCRAFT-ML413RAM Datasheet
184Kb / 2P
   High-Reliability Chip Inductors
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
MS336RAD COILCRAFT-MS336RAD Datasheet
173Kb / 2P
   High Reliability Chip Inductors
MS376RAA COILCRAFT-MS376RAA Datasheet
183Kb / 2P
   High-Reliability Chip Inductors
ML312RAA COILCRAFT-ML312RAA Datasheet
180Kb / 2P
   High-Reliability Chip Inductors
ML413RAD COILCRAFT-ML413RAD Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
MS450RAB COILCRAFT-MS450RAB Datasheet
169Kb / 2P
   High-Reliability Chip Inductors
ML336RAM COILCRAFT-ML336RAM Datasheet
191Kb / 2P
   High Reliability Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com