Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG741 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG741
Description  CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG741 Datasheet(HTML) 4 Page - Analog Devices

  ADG741 Datasheet HTML 1Page - Analog Devices ADG741 Datasheet HTML 2Page - Analog Devices ADG741 Datasheet HTML 3Page - Analog Devices ADG741 Datasheet HTML 4Page - Analog Devices ADG741 Datasheet HTML 5Page - Analog Devices ADG741 Datasheet HTML 6Page - Analog Devices ADG741 Datasheet HTML 7Page - Analog Devices ADG741 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADG741/ADG742
–4–
REV. 0
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability. Only one absolute maxi-
mum rating may be applied at any one time.
2Overvoltages at IN, S or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
Table I. Truth Table
ADG741 In
ADG742 In
Switch Condition
0
1
OFF
10
ON
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADG741/ADG742 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog, Digital Inputs
2
. . . . . . . . . . . . . . –0.3 V to VDD +0.3 V
or 30 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle Max)
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
SC70 Package
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 332°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 120°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 kV
ORDERING GUIDE
Model
Temperature Range
Brand
*
Package Description
Package Option
ADG741BKS
–40
°C to +85°C
SFB
SC70
KS-6
ADG742BKS
–40
°C to +85°C
SGB
SC70
KS-6
*Brand = Brand on these packages is limited to three characters due to space constraints.


Similar Part No. - ADG741

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
More results

Similar Description - ADG741

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
   Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
logo
Analog Devices
ADG841 AD-ADG841_15 Datasheet
553Kb / 16P
   Single SPST Switches in SC70
REV. 0
ADG842 AD-ADG842_15 Datasheet
553Kb / 16P
   Single SPST Switches in SC70
REV. 0
logo
Maxim Integrated Produc...
MAX4715-MAX4716 MAXIM-MAX4715-MAX4716 Datasheet
199Kb / 8P
   0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4715-MAX4716 MAXIM-MAX4715-MAX4716 Datasheet
199Kb / 8P
   0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4715 MAXIM-MAX4715 Datasheet
199Kb / 8P
   0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4715 MAXIM-MAX4715_V01 Datasheet
1Mb / 9P
   0.4廓, Low-Voltage, Single-Supply SPST Analog Switches in SC70
2021
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com