Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER604 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # HER604
Description  Ultra fast switching for high efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

HER604 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  HER604 Datasheet HTML 1Page - DIOTEC Electronics Corporation HER604 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HER601 THRU HER608
RATINGS AND CHARACTERISTIC CURVES
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
0.01
0.1
1.0
10
100
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width= 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
HER601-HER604
HER606 - HER608
HER605
10
100
200
0
0
1
0
1
1
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
0
10
0
100
0
0
0
1
0
1
1
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
HER601 - HER605
HER606 - HER608
0
2
4
6
8
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load


Similar Part No. - HER604

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
HER604 DSK-HER604 Datasheet
286Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
HER604 WTE-HER604 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
Gaomi Xinghe Electronic...
HER604 GXELECTRONICS-HER604 Datasheet
328Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Yangzhou yangjie electr...
HER604 YANGJIE-HER604 Datasheet
754Kb / 2P
   6.0 AMPS. HIGH EFFICIENT RECTIFIERS
HER604 YANGJIE-HER604 Datasheet
133Kb / 2P
   High Efficient Rectifier
More results

Similar Description - HER604

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
UF201 DEC-UF201 Datasheet
781Kb / 2P
   Ultra fast switching for high efficiency
US2A DEC-US2A Datasheet
689Kb / 2P
   Ultra fast switching for high efficiency
HER101 DEC-HER101 Datasheet
830Kb / 2P
   Ultra fast switching for high efficiency
HER301 DEC-HER301 Datasheet
820Kb / 2P
   Ultra fast switching for high efficiency
logo
DONGGUAN YOU FENG WEI E...
UF4001 YFWDIODE-UF4001 Datasheet
93Kb / 2P
   Ultra Fast Switching Speed For High Efficiency
logo
DIOTEC Electronics Corp...
FR101 DEC-FR101 Datasheet
670Kb / 2P
   Fast switching for high efficiency
FR151 DEC-FR151 Datasheet
665Kb / 2P
   Fast switching for high efficiency
logo
Mospec Semiconductor
FR151 MOSPEC-FR151 Datasheet
211Kb / 3P
   Fast switching for high efficiency
logo
Surge Components
1N4933G-1N4937G SURGE-1N4933G-1N4937G Datasheet
1Mb / 2P
   Fast switching for high efficiency
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933_10 Datasheet
891Kb / 2P
   Fast switching for high efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com