Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON6530 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AON6530
Description  30V N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6530 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AON6530 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6530 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6530 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6530 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6530 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6530 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AON6530
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
10
20
30
40
0
1
2
3
4
5
6
V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
0
2
4
6
8
10
0
5
10
15
20
25
30
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=4.5V
I
D=20A
V
GS=10V
I
D=20A
25
°
C
125
°
C
V
DS=5V
V
GS=4.5V
V
GS=10V
0
10
20
30
40
0
1
2
3
4
5
V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=3V
3.5V
6V
10V
4V
40
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25
°
C
125
°
C
(Note E)
0
1.5
3
4.5
6
7.5
9
2
4
6
8
10
V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
I
D=20A
25
°
C
125
°
C
Rev 0: Oct 2012
www.aosmd.com
Page 3 of 6


Similar Part No. - AON6530

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6532 AOSMD-AON6532 Datasheet
318Kb / 6P
   30V N-Channel AlphaMOS
AON6534 AOSMD-AON6534 Datasheet
304Kb / 6P
   30V N-Channel AlphaMOS
AON6536 AOSMD-AON6536 Datasheet
484Kb / 6P
   30V N-Channel MOSFET
AON6538 AOSMD-AON6538 Datasheet
294Kb / 6P
   30V N-Channel AlphaMOS
More results

Similar Description - AON6530

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON6760 AOSMD-AON6760 Datasheet
318Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com