Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML524PYA222MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML524PYA222MLZ
Description  High Reliability Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML524PYA222MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML524PYA222MLZ Datasheet HTML 1Page - Coilcraft lnc. ML524PYA222MLZ Datasheet HTML 2Page - Coilcraft lnc. ML524PYA222MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
HighReliabilityPowerInductors ML524PYA
6060 POWER INDUCTORS
Inductance2
DCR (mOhms)3
SRF (MHz)4
Irms (A)6
Part number1
±20% (µH)
typ
max
min
typ
Isat (A)5
20°C rise
40°C rise
ML524PYA681MLZ
0.68
3.10
3.41
47
59
23
14.3
18.8
ML524PYA102MLZ
1.0
3.81
4.19
37
47
21
12.8
17.3
ML524PYA182MLZ
1.8
5.30
5.83
28
36
18.1
10.5
13.5
ML524PYA222MLZ
2.2
6.00
6.60
24
31
16.4
9.8
12.8
ML524PYA302MLZ
3.0
7.45
8.19
20
26
14.6
9.0
12.0
ML524PYA472MLZ
4.7
14.90
16.40
16
21
10.5
5.3
7.5
ML524PYA562MLZ
5.6
16.22
17.84
16
20
9.9
5.3
7.5
ML524PYA682MLZ
6.8
18.90
20.80
14
18
9.2
5.3
6.8
ML524PYA822MLZ
8.2
24.00
26.40
12
16
8.4
4.5
6.0
ML524PYA103MLZ
10
27.00
29.82
11
14
7.6
3.8
5.3
ML524PYA153MLZ
15
39.77
43.75
8.8
11
5.8
3.4
4.5
ML524PYA223MLZ
22
55.12
60.63
7.2
9
5.6
2.7
3.8
Terminations Tin-silver (96.5/3.5) over copper.
Core material Composite
Weight 1.2 – 1.3 g
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 400/7
″reel
Plastic tape: 16 mm wide, 0.3 mm thick, 12 mm pocket spacing,
3.12 mm pocket depth
High temperature materials allow operation in ambient
temperatures up to 155°C
Passes vibration testing to 80 G and shock testing to 1000 G
Exceptionally low DCR – 3.1 mOhm
Soft saturation makes them ideal for VRM/VRD applications.
1. When ordering, please specify
testing code:
ML524PYA332MLZ
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 4395A or equivalent.
5. Typical dc current at which the inductance drops 30% from its value without current.
6. Typical current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Irms Testing
Irms testing was performed on a
0.060
″ thick pcb with 4 oz. copper
traces optimized to minimize additional
temperature rise.
Temperature rise is highly dependent
on many factors including pcb land
pattern, trace size, and proximity
to other components. Therefore
temperature rise should be verified in
application conditions.
Document ML799-1 Revised 09/24/12


Similar Part No. - ML524PYA222MLZ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML520G12 MITSUBISHI-ML520G12 Datasheet
125Kb / 4P
   LASER DIODES FOR PUMPING, COSMETIC
ML520G51 MITSUBISHI-ML520G51 Datasheet
129Kb / 4P
   LASER DIODES FOR DISPLAY SYSTEM
ML520G54 MITSUBISHI-ML520G54 Datasheet
148Kb / 4P
   LASER DIODES FOR DISPLAY SYSTEM
ML520G71 MITSUBISHI-ML520G71 Datasheet
131Kb / 4P
   LASER DIODES FOR DISPLAY SYSTEM
logo
Coilcraft lnc.
ML520RFA COILCRAFT-ML520RFA Datasheet
270Kb / 2P
   High Reliability Wideband Transformers
More results

Similar Description - ML524PYA222MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com