Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML450RAB474JLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML450RAB474JLZ
Description  High-Reliability Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML450RAB474JLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML450RAB474JLZ Datasheet HTML 1Page - Coilcraft lnc. ML450RAB474JLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1812 CHIP INDUCTORS
Inductance2
L test
Percent
Q
Q test
SRF min4
DCR max5
Imax
Part number1
(µH)
freq (MHz)
tolerance
min3
freq (MHz)
(MHz)
(Ohms)
(mA)
ML450RAB123JLZ
12
2.5
5
22
0.79
55
2.0
280
ML450RAB153JLZ
15
2.5
5
22
0.79
45
2.5
260
ML450RAB183JLZ
18
2.5
5
24
0.79
37
2.8
240
ML450RAB223JLZ
22
2.5
5
20
0.79
32
3.2
210
ML450RAB273JLZ
27
2.5
5
24
0.79
27
3.6
200
ML450RAB333JLZ
33
2.5
5
22
0.79
23
4.0
190
ML450RAB393JLZ
39
2.5
5
20
0.79
19
4.5
185
ML450RAB473JLZ
47
2.5
5
24
0.79
16
5.0
180
ML450RAB563JLZ
56
2.5
5
22
0.79
13
5.5
170
ML450RAB683JLZ
68
2.5
5
24
0.79
10
6.0
150
ML450RAB823JLZ
82
2.5
5
24
0.79
9.0
7.0
135
ML450RAB104JLZ
100
2.5
5
24
0.79
8.5
8.0
135
ML450RAB124JLZ
120
0.79
5
25
0.79
8.5
11.5
110
ML450RAB154JLZ
150
0.79
5
23
0.79
8.5
13.0
100
ML450RAB184JLZ
180
0.79
5
24
0.79
8.0
14.2
85
ML450RAB224JLZ
220
0.79
5
23
0.79
6.0
16.2
80
ML450RAB274JLZ
270
0.79
5
23
0.79
5.0
20.5
75
ML450RAB334JLZ
330
0.79
5
24
0.79
4.5
22.5
70
ML450RAB394JLZ
390
0.79
5
14
0.25
3.5
24.5
65
ML450RAB474JLZ
470
0.79
5
15
0.25
3.0
26.5
65
ML450RAB564JLZ
560
0.79
5
13
0.25
2.0
28.5
65
ML450RAB684JLZ
680
0.79
5
13
0.25
1.9
38.5
60
ML450RAB824JLZ
820
0.79
5
13
0.25
1.6
41.0
50
ML450RAB105JLZ
1000
0.79
5
15
0.25
1.5
44.0
50
1. When ordering, please specify
termination and testing codes:
ML450RAB105JLZ
Termination: L = RoHS compliant silver-palladium-platinum glass frit.
Special order:
R = Tin over nickel over silver-platinum-glass frit.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
2. Inductance at 2.5 MHz measured using an Agilent/HP 4286A and
a Coilcraft SMD-A fixture with Coilcraft-provided correlation pieces.
Inductance at 0.79 MHz measured using an Agilent/HP 4192A and
Coilcraft SMD-B test fixture.
3. Q read at test frequency directly on an Agilent/HP 4192A LF impedance
analyzer and a Coilcraft SMD-B test fixture.
4. SRF measured using an Agilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
5. DCR measured on a Cambridge Technology micro-ohmmeter.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ferrite
Terminations Silver-platinum-glass frit
Ambient temperature –55°C to +125°C with Imax current, +125°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +200 to +700 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 600 per 7
″ reel
Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing,
3.7 mm pocket depth
This robust version of Coilcraft’s standard 1812LS series
features high temperature materials that allow operation
in ambient temperatures up to 155°C.
High-Reliability Chip Inductors ML450RAB
Document ML106-2 Revised 10/14/11


Similar Part No. - ML450RAB474JLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
ML450RAA102JLZ COILCRAFT-ML450RAA102JLZ Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
ML450RAA122JLZ COILCRAFT-ML450RAA122JLZ Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
ML450RAA152_LZ COILCRAFT-ML450RAA152_LZ Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
ML450RAA182JLZ COILCRAFT-ML450RAA182JLZ Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
More results

Similar Description - ML450RAB474JLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
   High-Reliability Chip Inductors
ML336RAA COILCRAFT-ML336RAA Datasheet
196Kb / 2P
   High-Reliability Chip Inductors
ML413RAM COILCRAFT-ML413RAM Datasheet
184Kb / 2P
   High-Reliability Chip Inductors
ML450RAA COILCRAFT-ML450RAA Datasheet
165Kb / 2P
   High-Reliability Chip Inductors
MS336RAD COILCRAFT-MS336RAD Datasheet
173Kb / 2P
   High Reliability Chip Inductors
MS376RAA COILCRAFT-MS376RAA Datasheet
183Kb / 2P
   High-Reliability Chip Inductors
ML312RAA COILCRAFT-ML312RAA Datasheet
180Kb / 2P
   High-Reliability Chip Inductors
ML413RAD COILCRAFT-ML413RAD Datasheet
177Kb / 2P
   High-Reliability Chip Inductors
MS450RAB COILCRAFT-MS450RAB Datasheet
169Kb / 2P
   High-Reliability Chip Inductors
ML336RAM COILCRAFT-ML336RAM Datasheet
191Kb / 2P
   High Reliability Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com