Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML425PJB155MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML425PJB155MLZ
Description  High-Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML425PJB155MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML425PJB155MLZ Datasheet HTML 1Page - Coilcraft lnc. ML425PJB155MLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
High-Reliability Power Inductors ML425PJB
4018 POWER INDUCTORS
Core material Ferrite
Terminations Silver-palladium-platinum-glass frit.
Weight 54 – 64 mg
Ambient temperature –55°C to +85°C with Irms current, +85°C to
+155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″ reel
Plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing,
1.9 mm pocket depth
Recommended pick and place nozzle OD: 4 mm; ID:
≤ 2 mm
DCR
Isat (A)5
Irms (A)6
Inductance2
max3 SRF (MHz)
4
10%
20%
30% 20°C 40°C
Part number1
(µH)
(Ohms) min
typ drop drop
drop rise
rise
ML425PJB351MLZ
0.35 ±20% 0.040 252 360
5.9
6.1
6.3
2.2
3.1
ML425PJB561MLZ
0.56 ±20% 0.030 175 250
4.8
5.2
5.3
1.9
2.8
ML425PJB102NLZ
1.0 ±30%
0.040 126 180
2.8
3.0
3.1
1.8
2.7
ML425PJB222MLZ
2.2 ±20%
0.070
63
90
2.7
2.8
2.9
1.6
2.3
ML425PJB262MLZ
2.6 ±20%
0.080
59
85
2.6
2.7
2.8
1.5
2.0
ML425PJB332MLZ
3.3 ±20%
0.080
52
75
2.1
2.3
2.4
1.4
2.0
ML425PJB472MLZ
4.7 ±20%
0.125
45
65
1.8
1.9
1.9
1.3
1.8
ML425PJB682MLZ
6.8 ±20%
0.150
35
50
1.2
1.3
1.3
1.0
1.5
ML425PJB103MLZ
10 ±20%
0.200
28
40
1.1
1.2
1.3
0.90 1.25
ML425PJB153MLZ
15 ±20%
0.260
22
32
0.86 0.91 0.94 0.80 1.12
ML425PJB183MLZ
18 ±20%
0.270
18
27
0.78 0.83 0.85 0.70 1.00
ML425PJB223MLZ
22 ±20%
0.360
18
26
0.74 0.80 0.83 0.65 0.90
ML425PJB333MLZ
33 ±20%
0.420
14
20
0.58 0.64 0.68 0.55 0.80
ML425PJB473MLZ
47 ±20%
0.650
11
16
0.51 0.55 0.56 0.45 0.68
ML425PJB683MLZ
68 ±20%
0.950
9.0 13
0.41 0.45 0.46 0.40 0.56
ML425PJB104MLZ 100 ±20%
1.40
7.0 10
0.34 0.36 0.37 0.35 0.50
ML425PJB124MLZ 120 ±20%
1.60
6.0
9.0
0.31 0.33 0.34 0.30 0.45
ML425PJB154MLZ 150 ±20%
2.00
5.6
8.0
0.27 0.29 0.30 0.28 0.40
ML425PJB184MLZ 180 ±20%
2.50
5.2
7.5
0.24 0.26 0.27 0.26 0.36
ML425PJB224MLZ 220 ±20%
3.70
4.5
6.5
0.21 0.225 0.235 0.20 0.30
ML425PJB334MLZ 330 ±20%
5.90
3.8
5.5
0.18 0.19 0.20 0.17 0.23
ML425PJB474MLZ 470 ±20%
7.80
3.0
4.5
0.14 0.16 0.17 0.15 0.20
ML425PJB564MLZ 560 ±20%
10.0
2.8
4.0
0.13 0.14 0.15 0.14 0.18
ML425PJB684MLZ 680 ±20%
11.5
2.4
3.5
0.12 0.13 0.14 0.12 0.16
ML425PJB824MLZ 820 ±20%
14.0
2.0
2.9
0.11 0.12 0.13 0.10 0.14
ML425PJB105MLZ 1000 ±20% 18.0
1.9
2.8
0.10 0.11 0.11 0.098 0.125
ML425PJB155MLZ 1500 ±20% 25.0
1.6
2.4
0.095 0.10 0.105 0.080 0.110
ML425PJB185MLZ 1800 ±20% 31.5
1.6
2.3
0.090 0.095 0.100 0.070 0.095
ML425PJB225MLZ 2200 ±20% 32.5
1.4
2.1
0.088 0.099 0.100 0.070 0.090
ML425PJB335MLZ 3300 ±20% 48.0
1.1
1.6
0.082 0.092 0.094 0.055 0.075
High temperature material allows operation in ambient
temperature up to 155°C
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
1. When ordering, please specify
testing code:
ML425PJB105MLZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
C = Custom screening (please
specify when ordering)
2. Inductance tested at 100 kHz, 0.1 Vrms using
an Agilent/HP 4192A. Inductance at 1 MHz is
the same for parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or
equivalent.
5. Typical DC current that causes the specified
inductance drop from its value without current.
6. Typical current that causes the specified tem-
perature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Com-
ponents” before soldering.
Document ML435-1 Revised 06/15/10


Similar Part No. - ML425PJB155MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML420PJB COILCRAFT-ML420PJB Datasheet
277Kb / 2P
   High-Reliability Power Inductors
ML420PJB103MLZ COILCRAFT-ML420PJB103MLZ Datasheet
277Kb / 2P
   High-Reliability Power Inductors
ML420PJB104MLZ COILCRAFT-ML420PJB104MLZ Datasheet
277Kb / 2P
   High-Reliability Power Inductors
ML420PJB105MLZ COILCRAFT-ML420PJB105MLZ Datasheet
277Kb / 2P
   High-Reliability Power Inductors
ML420PJB124MLZ COILCRAFT-ML420PJB124MLZ Datasheet
277Kb / 2P
   High-Reliability Power Inductors
More results

Similar Description - ML425PJB155MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com