Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG719 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG719
Description  CMOS Low Voltage 4 ohm SPDT Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG719 Datasheet(HTML) 1 Page - Analog Devices

  ADG719 Datasheet HTML 1Page - Analog Devices ADG719 Datasheet HTML 2Page - Analog Devices ADG719 Datasheet HTML 3Page - Analog Devices ADG719 Datasheet HTML 4Page - Analog Devices ADG719 Datasheet HTML 5Page - Analog Devices ADG719 Datasheet HTML 6Page - Analog Devices ADG719 Datasheet HTML 7Page - Analog Devices ADG719 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG719
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
CMOS
Low Voltage 4
SPDT Switch
FUNCTIONAL BLOCK DIAGRAM
IN
ADG719
S2
S1
SWITCHES SHOWN FOR A LOGIC "1" INPUT
D
FEATURES
+1.8 V to +5.5 V Single Supply
4
(Max) On Resistance
0.75
(Typ) On-Resistance Flatness
–3 dB Bandwidth >200 MHz
Rail-to-Rail Operation
6-Lead SOT-23 Package, 8-Lead
SOIC Package
Fast Switching Times
tON 20 ns
tOFF 6 ns
Typical Power Consumption (<0.01
W)
TTL/CMOS Compatible
APPLICATIONS
Battery Powered Systems
Communication Systems
Sample Hold Systems
Audio Signal Routing
Video Switching
Mechanical Reed Relay Replacement
GENERAL DESCRIPTION
The ADG719 is a monolithic CMOS SPDT switch. This switch
is designed on a submicron process that provides low power
dissipation yet gives high switching speed, low on resistance and
low leakage currents.
The ADG719 can operate from a single supply range of +1.8 V
to +5.5 V, making it ideal for use in battery-powered instruments
and with the new generation of DACs and ADCs from Analog
Devices.
Each switch of the ADG719 conducts equally well in both di-
rections when on. The ADG719 exhibits break-before-make
switching action.
Because of the advanced submicron process, –3 dB bandwidths
of greater than 200 MHz can be achieved.
The ADG719 is available in a 6-lead SOT-23 package and an
8-lead
µSOIC package.
PRODUCT HIGHLIGHTS
1. +1.8 V to +5.5 V Single Supply Operation. The ADG719
offers high performance, including low on resistance and fast
switching times and is fully specified and guaranteed with
+3 V and +5 V supply rails.
2. Very Low RON (4 Ω max at 5 V, 10 Ω max at 3 V). At 1.8 V
operation, RON is typically 40 Ω over the temperature range.
3. On-Resistance Flatness (RFLAT(ON)) (0.75 Ω typ).
4. –3 dB Bandwidth >200 MHz.
5. Low Power Dissipation. CMOS construction ensures low
power dissipation.
6. Fast tON/tOFF.
7. Tiny 6-lead SOT-23 and 8-lead
µSOIC packages.


Similar Part No. - ADG719

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719BRM AD-ADG719BRM Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRM-REEL AD-ADG719BRM-REEL Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRM-REEL7 AD-ADG719BRM-REEL7 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG719BRMZ AD-ADG719BRMZ Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
More results

Similar Description - ADG719

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736 AD-ADG736 Datasheet
99Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPDT Switch
REV. 0
ADG736L AD-ADG736L Datasheet
269Kb / 12P
   CMOS Low Voltage 2.5 OHM Dual SPDT Switch
REV. 0
logo
Maxim Integrated Produc...
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
   High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. B, 30-Apr-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com