Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG712 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG712
Description  CMOS Low Voltage 4 ohm Quad SPST Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG712 Datasheet(HTML) 6 Page - Analog Devices

  ADG712 Datasheet HTML 1Page - Analog Devices ADG712 Datasheet HTML 2Page - Analog Devices ADG712 Datasheet HTML 3Page - Analog Devices ADG712 Datasheet HTML 4Page - Analog Devices ADG712 Datasheet HTML 5Page - Analog Devices ADG712 Datasheet HTML 6Page - Analog Devices ADG712 Datasheet HTML 7Page - Analog Devices ADG712 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADG711/ADG712/ADG713
–6–
REV. 0
–Typical Performance Characteristics
VD OR VS – DRAIN OR SOURCE VOLTAGE – Volts
6
0
0
0.5
0.5
1
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VDD = +5V
+85 C
–40 C
+25 C
Figure 3. On Resistance as a Function of VD (VS) for
Different Temperatures VDD = 5 V
VDD = +5V
4 SW
1 SW
FREQUENCY – Hz
10m
1m
1n
100
10M
1k
10k
100k
1M
100
10
1
100n
10n
Figure 4. Supply Current vs. Input Switching Frequency
FREQUENCY – Hz
–30
–40
–110
–120
–130
10k
100k
1M
10M
100M
–100
–90
–80
–70
–60
–50
VDD = +5V, +3V
Figure 5. Off Isolation vs. Frequency
FREQUENCY – Hz
–30
–40
–110
–120
–130
10k
100k
1M
10M
VDD = +5V, +3V
100M
–100
–90
–80
–70
–60
–50
Figure 6. Crosstalk vs. Frequency
FREQUENCY – Hz
0
–6
10k
100k
1M
10M
VDD = +5V
100M
–4
–2
Figure 7. On Response vs. Frequency
SOURCE VOLTAGE – Volts
25
–10
0
0.5
–5
0
20
15
10
5
1
1.5
2
2.5
3
3.5
4
4.5
5
VDD = +5V
VDD = +3V
TA = +25 C
Figure 8. Charge Injection vs. Source Voltage


Similar Part No. - ADG712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG712BR AD-ADG712BR Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG712BR-REEL AD-ADG712BR-REEL Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG712BR-REEL7 AD-ADG712BR-REEL7 Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG712BRU AD-ADG712BRU Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG712BRU-REEL AD-ADG712BRU-REEL Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
More results

Similar Description - ADG712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
Analog Devices
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
logo
Analog Devices
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com