Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG704 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG704
Description  CMOS Low Voltage 4 ohm, 4-Channel Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG704 Datasheet(HTML) 5 Page - Analog Devices

  ADG704 Datasheet HTML 1Page - Analog Devices ADG704 Datasheet HTML 2Page - Analog Devices ADG704 Datasheet HTML 3Page - Analog Devices ADG704 Datasheet HTML 4Page - Analog Devices ADG704 Datasheet HTML 5Page - Analog Devices ADG704 Datasheet HTML 6Page - Analog Devices ADG704 Datasheet HTML 7Page - Analog Devices ADG704 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADG704
–5–
REV. A
Typical Performance Characteristics–
VD OR VS – DRAIN OR SOURCE VOLTAGE – Volts
6.0
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TA = +25 C
VDD = +2.7V
VDD = +3.0V
VDD = +4.5V
VDD = +5.0V
Figure 1. On Resistance as a Function of VD (VS) Single
Supplies
VD OR VS – DRAIN OR SOURCE VOLTAGE – Volts
6.0
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
VDD = +3.0V
+85 C
+25 C
–40 C
Figure 2. On Resistance as a Function of VD (VS) for
Different Temperatures; VDD = 3 V
VD OR VS – DRAIN OR SOURCE VOLTAGE – Volts
6.0
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD = +5.0V
+85 C
+25 C
–40 C
Figure 3. On Resistance as a Function of VD (VS) for
Different Temperatures; VDD = 5 V
FREQUENCY – Hz
10m
1m
100
10
1
100n
10n
1n
100
1k
10k
100k
1M
10M
A0 TOGGLED
EN TOGGLED
VDD = +5V
Figure 4. Supply Current vs. Input Switching Frequency
–30
–40
–50
–60
–70
–80
FREQUENCY – Hz
10k
100k
1M
10M
100M
–90
–100
–110
–120
–130
VDD = +5V, +3V
Figure 5. Off Isolation vs. Frequency
–30
–40
–50
–60
–70
–80
FREQUENCY – Hz
10k
100k
1M
10M
100M
–90
–100
–110
–120
–130
VDD = +5V, +3V
Figure 6. Crosstalk vs. Frequency


Similar Part No. - ADG704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG704BRMZ AD-ADG704BRMZ Datasheet
116Kb / 8P
   CMOS Low Voltage 4 V, 4-Channel Multiplexer
REV. A
ADG704BRMZ-REEL7 AD-ADG704BRMZ-REEL7 Datasheet
116Kb / 8P
   CMOS Low Voltage 4 V, 4-Channel Multiplexer
REV. A
ADG704 AD-ADG704_15 Datasheet
116Kb / 8P
   4-Channel Multiplexer
REV. A
More results

Similar Description - ADG704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG704BRMZ-REEL7 AD-ADG704BRMZ-REEL7 Datasheet
116Kb / 8P
   CMOS Low Voltage 4 V, 4-Channel Multiplexer
REV. A
ADG704BRMZ AD-ADG704BRMZ Datasheet
116Kb / 8P
   CMOS Low Voltage 4 V, 4-Channel Multiplexer
REV. A
logo
Maxim Integrated Produc...
MAX4634 MAXIM-MAX4634 Datasheet
231Kb / 11P
   Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
MAX4634EUB-T MAXIM-MAX4634EUB-T Datasheet
123Kb / 10P
   Fast, Low-Voltage, 4Ω, 4-Channel CMOS Analog Multiplexer
Rev 3; 2/09
MAX4634 MAXIM-MAX4634_09 Datasheet
123Kb / 10P
   Fast, Low-Voltage, 4Ω, 4-Channel CMOS Analog Multiplexer
Rev 3; 2/09
logo
Analog Devices
ADG708 AD-ADG708 Datasheet
142Kb / 12P
   CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
REV. 0
ADG719 AD-ADG719 Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
logo
List of Unclassifed Man...
AAM3104 ETC2-AAM3104 Datasheet
217Kb / 6P
   ULTRA LOW POWER, 4-CHANNEL CMOS ANALOG MULTIPLEXER
logo
Maxim Integrated Produc...
MAX4734 MAXIM-MAX4734 Datasheet
328Kb / 11P
   0.8?? Low-Voltage, 4-Channel Analog Multiplexer
Rev 0; 4/02
logo
Analog Devices
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com