Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON6418 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AON6418
Description  30V N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6418 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AON6418 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6418 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6418 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6418 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6418 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6418 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AON6418
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
10
20
30
0
25
50
75
100
125
150
T
CASE
°
°
°C)
Figure 12: Power De-rating (Note F)
0
10
20
30
40
50
60
0
25
50
75
100
125
150
T
CASE
°
°
°C)
Figure 13: Current De-rating (Note F)
1
10
100
1000
10000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 14: Single Pulse Power Rating Junction-to-
T
A=25°C
40
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Ambient (Note H)
RθJA=53°C/W
Rev3: Mar 2012
www.aosmd.com
Page 5 of 6


Similar Part No. - AON6418

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6410 AOSMD-AON6410 Datasheet
163Kb / 6P
   30V N-Channel MOSFET
AON6411 AOSMD-AON6411 Datasheet
267Kb / 6P
   20V P-Channel MOSFET
AON6413 AOSMD-AON6413 Datasheet
330Kb / 6P
   30V P-Channel MOSFET
AON6414A AOSMD-AON6414A Datasheet
273Kb / 6P
   30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AON6414A VBSEMI-AON6414A Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AON6418

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON6760 AOSMD-AON6760 Datasheet
318Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com