Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG512BR Datasheet(PDF) 9 Page - Analog Devices

Part # ADG512BR
Description  LC2MOS Precision 5 V/3 V Quad SPST Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG512BR Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG512BR Datasheet HTML 3Page - Analog Devices ADG512BR Datasheet HTML 4Page - Analog Devices ADG512BR Datasheet HTML 5Page - Analog Devices ADG512BR Datasheet HTML 6Page - Analog Devices ADG512BR Datasheet HTML 7Page - Analog Devices ADG512BR Datasheet HTML 8Page - Analog Devices ADG512BR Datasheet HTML 9Page - Analog Devices ADG512BR Datasheet HTML 10Page - Analog Devices ADG512BR Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ADG511/ADG512/ADG513
REV. B
–9–
IDS
V1
SD
VS
RON = V1/IDS
1. On Resistance
SD
VS
A
VD
A
IS (OFF)
ID (OFF)
2. Off Leakage
SD
VS
VD
A
ID (ON)
3. On Leakage
SD
VDD
0.1 F
VDD
IN
VS
GND
VSS
RL
300
CL
35pF
VOUT
0.1 F
VSS
tON
tOFF
3V
50%
50%
50%
50%
3V
90%
90%
VIN
VIN
VOUT
ADG511
ADG512
4. Switching Times
S1
D1
0.1 F
VDD
IN1, IN2
VS1
GND
VSS
RL1
300
CL1
35pF
VOUT1
0.1 F
VS2
VOUT2
RL2
300
CL2
35pF
S2
VIN
D2
VDD
VSS
tD
tD
3V
50%
50%
90%
VIN
VOUT1
VOUT2
90%
90%
90%
0V
0V
0V
5. Break-Before-Make Time Delay
SD
VDD
IN
VS
GND
VSS
CL
10nF
VOUT
RS
VSS
VDD
3V
VIN
VOUT
VOUT
QINJ = CL
VOUT
6. Charge Injection
Test Circuits


Similar Part No. - ADG512BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG512BR AD-ADG512BR Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BR AD-ADG512BR Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BR AD-ADG512BR Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BRZ AD-ADG512BRZ Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BRZ-REEL AD-ADG512BRZ-REEL Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
More results

Similar Description - ADG512BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG513BRZ-REEL7 AD-ADG513BRZ-REEL7 Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511BRZ AD-ADG511BRZ Datasheet
144Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG512BRZ-REEL AD-ADG512BRZ-REEL Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BRZ AD-ADG512BRZ Datasheet
144Kb / 12P
   LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com