Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE612PNB223MSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AE612PNB223MSZ
Description  Outgassing Compliant Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE612PNB223MSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  AE612PNB223MSZ Datasheet HTML 1Page - Coilcraft lnc. AE612PNB223MSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
1278 POWER INDUCTORS
Document AE598-1 Revised 07/26/11
OutgassingCompliantPowerInductorsAE612PNB
Core material Ferrite
Terminations Tin-lead (63/37) over tin over nickel over phos bronze.
Weight: 3.8 g – 4.6 g
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 500/13
″ reel;
Plastic tape: 24 mm wide, 0.4 mm thick, 16 mm pocket spacing,
8.1 mm pocket depth
DCR3
SRF4
Isat (A)5
Irms (A)6
Inductance2
(mOhms)
(MHz)
10% 20% 30% 20°C 40°C
Part number1
(µH)
typ
max
min typ
drop drop drop rise rise
AE612PNB102NSZ
1.0 ±30%
6.3
7.0 80
115
31.84 35.04 36.84 7.1 10.1
AE612PNB142NSZ
1.4 ±30%
8.8
9.8 60
85
25.04 27.76 29.52 6.8
9.8
AE612PNB222NSZ
2.2 ±30%
9.4
10.5 42
60
22.56 24.80 25.96 6.3
9.2
AE612PNB272NSZ
2.7 ±30%
10.1
11.3 28
40
18.76 20.72 22.04 6.1
8.6
AE612PNB392NSZ
3.9 ±30%
11.7
13.0 25
35
16.52 18.24 19.20 5.7
7.7
AE612PNB472MSZ
4.7 ±20%
13.9
15.5 23
33
15.30 16.90 17.76 4.3
6.2
AE612PNB562MSZ
5.6 ±20%
15.7
17.5 21
30
13.38 14.86 15.74 4.3
6.2
AE612PNB682MSZ
6.8 ±20%
19.1
21.3 16
23
12.10 13.56 14.20 4.2
6.0
AE612PNB822MSZ
8.2 ±20%
20.3
22.6 14
20
11.38 12.60 13.28 4.1
5.9
AE612PNB103MSZ
10 ±20%
21.8
24.3 12
17
10.62 11.82 12.48 4.0
5.7
AE612PNB123MSZ
12 ±20%
23.2
25.8 11
15
8.90 9.88 10.44 3.7
5.2
AE612PNB153MSZ
15 ±20%
27.9
31.0
9.0 13
8.36 9.32 9.94 3.5
4.9
AE612PNB183MSZ
18 ±20%
30.8
34.3
8.4 12
8.00 8.88 9.36 3.0
4.5
AE612PNB223MSZ
22 ±20%
35.5
39.5
7.7 11
7.08 7.88 8.34 2.9
4.0
AE612PNB273MSZ
27 ±20%
45.0
50.0
7.0 10
6.32 7.08 7.54 2.6
3.6
AE612PNB333MSZ
33 ±20%
61.9
68.8
6.6
9.5
5.96 6.56 6.98 2.3
3.1
AE612PNB393MSZ
39 ±20%
69.1
76.8
6.0
8.5
5.38 5.94 6.28 2.1
3.0
AE612PNB473MSZ
47 ±20%
72.3
80.4
5.3
7.5
4.76 5.40 5.66 2.0
2.9
AE612PNB563MSZ
56 ±20%
80.2
89.2
4.9
7.0
4.40 4.98 5.30 1.9
2.7
AE612PNB683MSZ
68 ±20%
91.3 101.5
4.6
6.5
3.92 4.46 4.74 1.8
2.6
AE612PNB823MSZ
82 ±20%
125.9 139.9
3.5
5.0
3.66 4.08 4.38 1.6
2.3
AE612PNB104MSZ 100 ±20%
135.1 150.2
3.1
4.5
3.12 3.56 3.78 1.5
2.2
AE612PNB124KSZ 120 ±10%
182.3 202.6
3.0
4.3
3.02 3.36 3.58 1.4
1.9
AE612PNB154KSZ 150 ±10%
216.5 240.6
2.9
4.1
2.60 2.94 3.10 1.3
1.8
AE612PNB184KSZ 180 ±10%
229.0 254.5
2.8
4.0
2.36 2.68 2.84 1.2
1.7
AE612PNB224KSZ 220 ±10%
323.6 359.6
2.4
3.4
2.24 2.50 2.62 1.0
1.6
AE612PNB274KSZ 270 ±10%
415.6 461.8
2.2
3.1
1.94 2.18 2.34 0.90 1.2
AE612PNB334KSZ 330 ±10%
487.3 541.5
2.0
2.9
1.72 1.92 2.06 0.80 1.0
AE612PNB394KSZ 390 ±10%
533.6 592.9
1.9
2.7
1.62 1.82 1.92 0.75 1.0
AE612PNB474KSZ 470 ±10%
707.5 786.2
1.6
2.2
1.44 1.64 1.74 0.66 0.90
AE612PNB564KSZ 560 ±10%
777.4 863.8
1.4
2.0
1.40 1.54 1.66 0.60 0.80
AE612PNB684KSZ 680 ±10% 1045 1162
1.2
1.7
1.24 1.32 1.46 0.55 0.75
AE612PNB824KSZ 820 ±10% 1166 1296
1.0
1.4
1.14 1.28 1.42 0.50 0.70
AE612PNB105KSZ 1000 ±10% 1334 1482
0.90 1.3
0.982 1.08 1.18 0.48 0.68
1. When ordering, please specify
testing code:
AE612PNB105KSZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms,
0 Adc using an Agilent/HP 4263B LCR
meter or equivalent.
3. DCR measured on a micro-ohmmeter and a
Coilcraft CCF858 test fixture.
4. SRF measured using an Agilent/HP 8753D
network analyzer.
5. Typical DC current at which the inductance
drops the specified amount from its value
without current.
6. Typical current that causes the specified
temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.
High current, low DCR shielded power inductors
Passes NASA low outgassing specifications
High temperature materials allow operation in ambient
temperatures up to 165°C.
Tin-lead (Sn-Pb) terminations for the best possible board
adhesion


Similar Part No. - AE612PNB223MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE612PND COILCRAFT-AE612PND Datasheet
575Kb / 3P
   Outgassing Compliant Coupled Inductors
More results

Similar Description - AE612PNB223MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE483PYA COILCRAFT-AE483PYA Datasheet
292Kb / 3P
   Outgassing Compliant Power Inductors
AE512PJB COILCRAFT-AE512PJB Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
AE524PYA COILCRAFT-AE524PYA Datasheet
286Kb / 3P
   Outgassing Compliant Power Inductors
AE513PYA COILCRAFT-AE513PYA Datasheet
405Kb / 3P
   Outgassing Compliant Power Inductors
AE541PYA COILCRAFT-AE541PYA Datasheet
317Kb / 4P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com