Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE590PND124KSZ Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # AE590PND124KSZ
Description  Outgassing Compliant Coupled Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE590PND124KSZ Datasheet(HTML) 3 Page - Coilcraft lnc.

  AE590PND124KSZ Datasheet HTML 1Page - Coilcraft lnc. AE590PND124KSZ Datasheet HTML 2Page - Coilcraft lnc. AE590PND124KSZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AE590PNDSeries(1260)
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
Document AE703-3 Revised 07/13/12
Typical L vs Frequency
Typical L vs Current
1
10
100
1000
10000
0.1
1
100
10
Current (A)
100 µH
10 µH
4.7 µH
47 µH
1000 µH
470 µH
1
10
100
1000
10000
0.01
0.1
10
1
Frequency (MHz)
100 µH
10 µH
4.7 µH
47 µH
1000 µH
470 µH
Current Derating
1260 COUPLED INDUCTORS
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
-40
-55
-20
020406080
100
160
140
120


Similar Part No. - AE590PND124KSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE590PNB COILCRAFT-AE590PNB Datasheet
552Kb / 2P
   Outgassing Compliant Power Inductors
More results

Similar Description - AE590PND124KSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE612PND COILCRAFT-AE612PND Datasheet
575Kb / 3P
   Outgassing Compliant Coupled Inductors
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE336RAA COILCRAFT-AE336RAA Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
AE336RAD COILCRAFT-AE336RAD Datasheet
187Kb / 2P
   Outgassing Compliant Chip Inductors
AE483PYA COILCRAFT-AE483PYA Datasheet
292Kb / 3P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com