Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT394RAT7N2_SZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AT394RAT7N2_SZ
Description  200째C Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AT394RAT7N2_SZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  AT394RAT7N2_SZ Datasheet HTML 1Page - Coilcraft lnc. AT394RAT7N2_SZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
AIR CORE INDUCTORS
Document AT163-1 Revised 09/08/11
SRF
DCR
L2 Percent Q3
min4 max5 Imax
Part number1
Turns (nH)
tol
min (GHz) (mOhm) (A)
AT350RAT1N7KSZ
2
1.65
10
100 10.0
4.0
1.6
AT350RAT2N6JSZ
3
2.55
5
100
8.2
5.0
1.6
AT350RAT3N9_SZ
4
3.85
5,2
100
7.5
6.0
1.6
AT350RAT5N4_SZ
5
5.40
5,2
100
7.0
8.0
1.6
AT394RAT5N6_SZ
6
5.60
5,2
100
6.5
9.0
1.6
AT394RAT7N2_SZ
7
7.15
5,2
100
6.0
10
1.6
AT394RAT8N8_SZ
8
8.80
5,2
100
6.0
12
1.6
AT394RAT9N9_SZ
9
9.85
5,2
100
5.2
13
1.6
AT394RAT13N_SZ 10
12.55
5,2
100
4.6
14
1.6
1. When ordering, specify
tolerance and testing codes:
AT394RAT10GSZ
Tolerance: G = 2% J = 5%
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
2. Inductance measured at 800 MHz on an Agilent/HP 4286A or equiva-
lent with a Coilcraft SMD-A test fixture and correlation.
3. Q measured at 800 MHz on an Agilent/HP 4291A or equivalent with a
16193A test fixture or equivalent.
4. SRF measured on an Agilent/HP 8753ES or equivalent with a Coilcraft
CCF1268 test fixture. Parts with SRF >5 GHz are verified to >5 GHz in
screening.
5. DCR measured on a Keithley 580 Micro-Ohmmeter or equivalent.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
AT350RAT
AT394RAT
Dimensions are in
inches
mm
200°CAirCoreInductors
High Q over a wide range of frequencies
Special materials allow operation in ambient temperatures
as low as –60°C and up to 200°C.
Passes NASA low outgassing specifications
Terminations Tin-lead (63/37) over copper
Ambient temperature –60°C to +150°C with Imax current, +150°C
to +200°C with derated current
Storage temperature Component: –60°C to +200°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging
AT350RAT: 500 per 7
″ reel Plastic tape: 8 mm wide, 0.3 mm
thick, 4 mm pocket spacing, 1.5 mm pocket depth
AT394RAT: 500 per 7
″ reel Plastic tape: 12 mm wide, 0.3 mm
thick, 4 mm pocket spacing, 1.6 mm pocket depth


Similar Part No. - AT394RAT7N2_SZ

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AT3945 ALLIED-AT3945 Datasheet
1Mb / 1P
   Audio Transformer
More results

Similar Description - AT394RAT7N2_SZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AT536RAT COILCRAFT-AT536RAT Datasheet
663Kb / 2P
   200째C Air Core Inductors
AT475RAT COILCRAFT-AT475RAT Datasheet
432Kb / 2P
   200째C Air Core Inductors
AT426RAT COILCRAFT-AT426RAT Datasheet
283Kb / 2P
   200째C Air Core Inductors
AT439RAT COILCRAFT-AT439RAT Datasheet
533Kb / 2P
   200째C Air Core Inductors
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com