Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE558PTA122MSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AE558PTA122MSZ
Description  Outgassing Compliant Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE558PTA122MSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  AE558PTA122MSZ Datasheet HTML 1Page - Coilcraft lnc. AE558PTA122MSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Document AE535-1 Revised 12/05/12
1. When ordering, please specify
testing code:
AE558PTA103MSZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A or equivalent.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753D network analyzer.
5. Typical DC current at which the inductance drops the specified amount from its value without current.
6. Typical current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
POWER INDUCTORS
OutgassingCompliantPowerInductorsAE558PTA
Core material Ferrite
Terminations Tin-lead over tin over nickel over phos bronze
Weight 1.6 g
Ambient temperature –55°C to +105°C with Irms current, +105°C to
+155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 200/7
″ reel
Plastic tape: 24 mm wide,0.4 mm thick, 16 mm pocket spacing,
5.45 mm pocket depth
High temperature materials allow operation in ambient
temperatures up to 155°C.
Passes NASA low outgassing specifications
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
Excellent current handling; very low DCR
Inductance2
DCR max3
SRF (MHz)4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
(mOhm)
min
typ
10% drop 20% drop 30% drop
20°C rise 40°C rise
AE558PTA331MSZ
0.33
4.0
119
170
29.5
30.0
30.5
12.5
16.3
AE558PTA801MSZ
0.80
4.0
70.0
100
24.9
25.2
25.6
12.5
16.3
AE558PTA102MSZ
1.0
4.0
66.5
95.0
16.5
17.0
17.5
12.5
16.3
AE558PTA122MSZ
1.2
6.0
63.7
91.0
20.5
21.0
21.3
11.0
15.0
AE558PTA132MSZ
1.3
4.0
56.7
81.0
12.9
16.8
17.2
12.5
16.3
AE558PTA152MSZ
1.5
6.0
52.5
75.0
13.5
14.0
14.5
11.0
15.0
AE558PTA182MSZ
1.8
6.0
49.0
70.0
13.3
13.8
14.3
11.0
15.0
AE558PTA202MSZ
2.0
9.0
45.5
65.0
15.3
15.8
16.2
8.5
11.5
AE558PTA222MSZ
2.2
4.0
40.6
58.0
8.9
9.6
10.0
12.5
16.3
AE558PTA252MSZ
2.5
7.5
38.5
55.0
11.4
11.8
12.1
9.0
12.0
AE558PTA322MSZ
3.2
6.0
37.1
53.0
7.3
7.8
8.5
11.0
15.0
AE558PTA402MSZ
4.0
9.0
32.9
47.0
8.3
8.5
8.8
8.5
11.5
AE558PTA432MSZ
4.3
7.5
30.8
44.0
6.4
6.8
7.0
9.0
12.0
AE558PTA572MSZ
5.7
9.0
24.5
35.0
5.4
5.8
6.0
8.5
11.5


Similar Part No. - AE558PTA122MSZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
AE5-EW CUI-AE5-EW Datasheet
566Kb / 6P
   DC-DC CONVERTER
AE5-EW CUI-AE5-EW Datasheet
1Mb / 6P
   DC-DC CONVERTER
07/20/2021
AE5-EW-S5 CUI-AE5-EW-S5 Datasheet
566Kb / 6P
   DC-DC CONVERTER
AE5-EW-S5 CUI-AE5-EW-S5 Datasheet
1Mb / 6P
   DC-DC CONVERTER
07/20/2021
AE5-EW-S5-T CUI-AE5-EW-S5-T Datasheet
544Kb / 6P
   DC-DC CONVERTER
More results

Similar Description - AE558PTA122MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
AE483PYA COILCRAFT-AE483PYA Datasheet
292Kb / 3P
   Outgassing Compliant Power Inductors
AE512PJB COILCRAFT-AE512PJB Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
AE524PYA COILCRAFT-AE524PYA Datasheet
286Kb / 3P
   Outgassing Compliant Power Inductors
AE513PYA COILCRAFT-AE513PYA Datasheet
405Kb / 3P
   Outgassing Compliant Power Inductors
AE541PYA COILCRAFT-AE541PYA Datasheet
317Kb / 4P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com