Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE513PYA471MSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AE513PYA471MSZ
Description  Outgassing Compliant Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE513PYA471MSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  AE513PYA471MSZ Datasheet HTML 1Page - Coilcraft lnc. AE513PYA471MSZ Datasheet HTML 2Page - Coilcraft lnc. AE513PYA471MSZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7020 POWER INDUCTORS
®
© Coilcraft, Inc. 2013
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Document AE871-1 Revised 01/10/13
1. When ordering, please specify
testing code:
AE513PYA222MSZ
Testing: Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A.
3. DCR measured using a micro-ohmmeter.
4. SRF measured using an Agilent/HP 4395A or equivalent.
5. Typical dc current at which the inductance drops 30% from its value without current.
6. Typical current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Inductance2
DCR (mOhms)3
SRF (MHz)4
Isat5
Irms (A)6
Part number1
±20% (µH)
typ
max
min
typ
(A)
20°C rise 40°C rise
AE513PYA151MSZ
0.15
1.9
2.5
129
161
46.0
13.5
18.0
AE513PYA271MSZ
0.27
2.9
3.8
90
112
30.0
11.3
15.8
AE513PYA331MSZ
0.33
4.0
5.2
70
88
28.0
10.5
15.0
AE513PYA471MSZ
0.47
5.3
6.4
59
72
24.3
9.0
12.8
AE513PYA681MSZ
0.68
7.9
9.5
43
54
22.3
7.5
9.8
AE513PYA102MSZ
1.0
9.8
10.8
37
46
16.4
6.0
8.3
AE513PYA122MSZ
1.2
11.5
12.8
34
42
14.5
5.3
7.5
AE513PYA152MSZ
1.5
16.7
18.6
30
37
11.7
4.5
6.8
AE513PYA222MSZ
2.2
24.4
27.5
23
29
11.2
3.8
5.3
OutgassingCompliantPowerInductorsAE513PYA
Core material Composite
Terminations Tin-lead (63/37) over copper.
Weight 0.83 g
Ambient temperature –55°C to +105°C with Irms current, +105°C to
+155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 500 per 7
″ reel
Plastic tape: 16 mm wide, 0.30 mm thick, 12 mm pocket spacing,
2.2 mm pocket depth
High temperature materials allow operation in ambient
temperatures up to 155°C
Passes NASA low outgassing specifications
Passes vibration testing to 80 G and shock testing to 1000 G
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
High current and very low DCR
Soft saturation makes them ideal for VRM/VRD applications.
Irms Testing
Irms testing was performed on a
0.060
″ thick pcb with 4 oz. copper
traces optimized to minimize
additional temperature rise.
Temperature rise is highly
dependent on many factors
including pcb land pattern,
trace size, and proximity to
other components. Therefore
temperature rise should be
verified in application conditions.


Similar Part No. - AE513PYA471MSZ

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE510 RFHIC-AE510 Datasheet
1Mb / 6P
   Lower manufacturing cost
AE512 RFHIC-AE512 Datasheet
1Mb / 6P
   Lower manufacturing cost
logo
Coilcraft lnc.
AE512PJB COILCRAFT-AE512PJB Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
AE512PJB103MSZ COILCRAFT-AE512PJB103MSZ Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
AE512PJB104MSZ COILCRAFT-AE512PJB104MSZ Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
More results

Similar Description - AE513PYA471MSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
AE483PYA COILCRAFT-AE483PYA Datasheet
292Kb / 3P
   Outgassing Compliant Power Inductors
AE512PJB COILCRAFT-AE512PJB Datasheet
326Kb / 2P
   Outgassing Compliant Power Inductors
AE524PYA COILCRAFT-AE524PYA Datasheet
286Kb / 3P
   Outgassing Compliant Power Inductors
AE541PYA COILCRAFT-AE541PYA Datasheet
317Kb / 4P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com