Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE394RAT9N9_SZ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # AE394RAT9N9_SZ
Description  Outgassing Compliant Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AE394RAT9N9_SZ Datasheet(HTML) 2 Page - Coilcraft lnc.

  AE394RAT9N9_SZ Datasheet HTML 1Page - Coilcraft lnc. AE394RAT9N9_SZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
AIR CORE INDUCTORS
Document AE163-2 Revised 09/08/11
AE350RAT/AE394RATAirCoreInductors
L vs Frequency – AE350RAT Series
L vs Frequency – AE394RAT Series
0
2
4
6
8
10
12
14
100
1000
Frequency (MHz)
3.85 nH
2.55 nH
1.65 nH
5.40 nH
0
2
4
6
8
10
12
14
100
1000
Frequency (MHz)
12.55 nH
9.85 nH
8.80 nH
7.15 nH
5.60 nH
Q vs Frequency – AE350RAT Series
Q vs Frequency – AE394RAT Series
0
50
100
150
200
250
100
1000
Frequency (MHz)
1.65 nH
2.55 nH
3.85 nH
5.40 nH
0
50
100
150
200
250
100
1000
Frequency (MHz)
7.15 nH
12.55 nH
8.80 nH
5.60 nH
9.85 nH
Typical Current Derating
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - AE394RAT9N9_SZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AE30 ETC2-AE30 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
RFHIC
AE305 RFHIC-AE305 Datasheet
723Kb / 11P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
AE308 RFHIC-AE308_14 Datasheet
347Kb / 4P
   CATV Amplifier
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
   E-pHEMT MMIC
More results

Similar Description - AE394RAT9N9_SZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AE475RAT COILCRAFT-AE475RAT Datasheet
429Kb / 2P
   Outgassing Compliant Air Core Inductors
AE439RAT COILCRAFT-AE439RAT Datasheet
527Kb / 2P
   Outgassing Compliant Air Core Inductors
AE536RAT COILCRAFT-AE536RAT Datasheet
663Kb / 2P
   Outgassing Compliant Air Core Inductors
AE465PYA COILCRAFT-AE465PYA Datasheet
291Kb / 3P
   Outgassing Compliant Power Inductors
AE611PYA COILCRAFT-AE611PYA Datasheet
321Kb / 4P
   Outgassing Compliant Power Inductors
AE336RAA COILCRAFT-AE336RAA Datasheet
190Kb / 2P
   Outgassing Compliant Chip Inductors
AE425PJB COILCRAFT-AE425PJB Datasheet
266Kb / 2P
   Outgassing Compliant Power Inductors
AE514PYA COILCRAFT-AE514PYA Datasheet
363Kb / 3P
   Outgassing Compliant Power Inductors
AE515PYA COILCRAFT-AE515PYA Datasheet
296Kb / 4P
   Outgassing Compliant Power Inductors
AE612PNB COILCRAFT-AE612PNB Datasheet
559Kb / 2P
   Outgassing Compliant Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com