Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4001 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # DL4001
Description  Low leakage current
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DL4001 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  DL4001 Datasheet HTML 1Page - DIOTEC Electronics Corporation DL4001 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DL4001 THRU DL4007
RATINGS AND CHARACTERISTIC CURVES
NUMBER OF CYCLES AT 60Hz
FIG.2 -M AXIM UM NON-REPET ITIVE SURGE CURRENT
1
5
10
50
100
2
20
0
10
20
30
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
FI G.1 -FORW ARD CURRENT DERATING CURVE
0
100
150
50
RESISTIVE OR
INDUCTIVE LOAD
AM BIENT TEMPERATURE , C
REV ERSE V OLTAGE, (V OLTS)
FI G.4 -TYPI CAL JUNCTION CAPACI TANCE
0
1
100
10
10
100
TJ = 25 C
f = 1MHz
4
0.25
0.50
0.75
1.00
1.25
INST ANTANEOUS F ORWARD V OLTAGE, V OLTS
FIG.3 -TYPICAL FORW ARD CHARACTERISTICS
0.8
1.0
1.
0.6
0.
1
1.
0
10
1.2
1.4
1.6
.0
1
TJ = 25 C
PULSEWIDTH:300us
0
0.2
0.4


Similar Part No. - DL4001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DL4001 DIODES-DL4001 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16001 Rev. D-2
logo
SAMYANG ELECTRONICS CO....
DL4001 SAMYANG-DL4001 Datasheet
884Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Micro Commercial Compon...
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
SAMYANG ELECTRONICS CO....
DL4001 SAMYANG-DL4001 Datasheet
531Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diodes Incorporated
DL4001 DIODES-DL4001 Datasheet
339Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16001 Rev. 7 - 2
More results

Similar Description - DL4001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
   Low leakage current
Revision: 08-Jul-15
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
   Low leakage current
logo
Vishay Siliconix
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
   Low leakage current
Revision: 08-Jul-15
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
   Low leakage current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
   Low leakage current
logo
Shanghai Semitech Semic...
ZY3.6 SEMITECH-ZY3.6 Datasheet
48Kb / 2P
   Low leakage current
logo
Vishay Siliconix
VS-ETH3006SHM3 VISHAY-VS-ETH3006SHM3 Datasheet
135Kb / 7P
   Low leakage current
Revision: 10-Jul-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com