Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPQ0805ITTDB101J Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # NPQ0805ITTDB101J
Description  ceramic chip capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NPQ0805ITTDB101J Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  NPQ0805ITTDB101J Datasheet HTML 1Page - KOA Speer Electronics, Inc. NPQ0805ITTDB101J Datasheet HTML 2Page - KOA Speer Electronics, Inc. NPQ0805ITTDB101J Datasheet HTML 3Page - KOA Speer Electronics, Inc. NPQ0805ITTDB101J Datasheet HTML 4Page - KOA Speer Electronics, Inc. NPQ0805ITTDB101J Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NPO, X5R, X7R,Y5V
ceramic chip capacitors
50
(H)
100
(I)
50
(H)
100
(I)
200
(J)
50
(H)
200
(J)
100
(I)
Capacitance values
pF
µF
Cap. Code
WVDC
Size
0402*
0603*
0805
1206
NPO capacitance voltage availability
50
(H)
Capacitance tolerance available:
.47pF~8.2pF = C: ±0.25pF
5.6pF~8.2pF = D: ±0.5pF
10pF~10000pF = F: ±1%, G: ±2%, J: ±5%
227
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/05/11
0.47
.00000047
R47
0.56
.00000056
R56
0.68
.00000068
R68
0.82
.00000082
R82
1
.0000010
1R0
1.2
.0000012
1R2
1.5
.0000015
1R5
1.8
.0000018
1R8
2.2
.0000022
2R2
2.7
.0000027
2R7
3.3
.0000033
3R3
3.9
.0000039
3R9
4.7
.0000047
4R7
5.6
.0000056
5R6
6.8
.0000068
6R8
8.2
.0000082
8R2
10
.000010
100
12
.000012
120
15
.000015
150
18
.000018
180
22
.000022
220
27
.000027
270
33
.000033
330
39
.000039
390
47
.000047
470
56
.000056
560
68
.000068
680
82
.000082
820
100
.0001
101
120
.00012
121
150
.00015
151
180
.00018
181
220
.00022
221
270
.00027
271
330
.00033
331
390
.00039
391
470
.00047
471
560
.00056
561
680
.00068
681
820
.00082
821
1000
.0010
102
1200
.0012
122


Similar Description - NPQ0805ITTDB101J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com