Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG412BN Datasheet(PDF) 5 Page - Analog Devices

Part # ADG412BN
Description  LC2MOS Precision Quad SPST Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG412BN Datasheet(HTML) 5 Page - Analog Devices

  ADG412BN Datasheet HTML 1Page - Analog Devices ADG412BN Datasheet HTML 2Page - Analog Devices ADG412BN Datasheet HTML 3Page - Analog Devices ADG412BN Datasheet HTML 4Page - Analog Devices ADG412BN Datasheet HTML 5Page - Analog Devices ADG412BN Datasheet HTML 6Page - Analog Devices ADG412BN Datasheet HTML 7Page - Analog Devices ADG412BN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADG411/ADG412/ADG413
REV. A
–5–
Typical Performance Graphs
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
50
40
10
–20
–10
010
20
30
20
TA = +25 C
VL = +5V
0
VDD = +15V
VSS = –15V
VDD = +10V
VSS = –10V
VDD = +12V
VSS = –12V
VDD = +5V
VSS = –5V
Figure 1. On Resistance as a Function of VD (VS) Dual
Supplies
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
50
40
10
–20
–10
010
20
30
20
0
VDD = +15V
VSS = –15V
VL = +5V
+125 C
+85 C
+25 C
Figure 2. On Resistance as a Function of VD (VS) for
Different Temperatures
FREQUENCY – Hz
10
0.001
100
10M
1k
10k
100k
1M
1
0.1
0.01
VDD = +15V
VSS = –15V
VL = +5V
10M
VS = 15V
VD = 15V
IS (OFF)
ID (OFF)
ID (ON)
Figure 3. Leakage Currents as a Function of Temperature
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
50
40
10
05
10
15
20
30
20
TA = +25 C
VL = +5V
0
VDD = +15V
VSS = 0V
VDD = +10V
VSS = 0V
VDD = +12V
VSS = 0V
VDD = +5V
VSS = 0V
Figure 4. On Resistance as a Function of VD (VS) Single
Supply
FREQUENCY – Hz
100mA
100nA
10
10M
100
1k
10k
100k
1M
10mA
1mA
100 A
10 A
1 A
VDD = +15V
4 SW
VSS = –15V
VL = +5V
1 SW
I+, I–
IL
Figure 5. Supply Current vs. Input Switching Frequency
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0.04
0.02
–0.04
–20
–10
010
20
0.00
–0.02
VDD = +15V
VSS = –15V
TA = +25 C
VL = +5V
ID (ON)
IS (OFF)
ID (OFF)
Figure 6. Leakage Currents as a Function of VD (VS)


Similar Part No. - ADG412BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG412BN AD-ADG412BN Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG412BNZ AD-ADG412BNZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
More results

Similar Description - ADG412BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG412BRZ AD-ADG412BRZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG431 AD-ADG431 Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com