Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG436BN Datasheet(PDF) 8 Page - Analog Devices

Part # ADG436BN
Description  Dual SPDT Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG436BN Datasheet(HTML) 8 Page - Analog Devices

  ADG436BN Datasheet HTML 1Page - Analog Devices ADG436BN Datasheet HTML 2Page - Analog Devices ADG436BN Datasheet HTML 3Page - Analog Devices ADG436BN Datasheet HTML 4Page - Analog Devices ADG436BN Datasheet HTML 5Page - Analog Devices ADG436BN Datasheet HTML 6Page - Analog Devices ADG436BN Datasheet HTML 7Page - Analog Devices ADG436BN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADG436
REV. A
–8–
APPLICATIONS INFORMATION
ADG436 Supply Voltages
The ADG436 can operate from a dual or single supply. VSS should
be connected to GND when operating with a single supply. When
using a dual supply, the ADG436 can also operate with unbal-
anced supplies, for example VDD = 20 V and VSS = –5 V. The
only restrictions are that VDD to GND must not exceed 30 V,
VSS to GND must not drop below –30 V and VDD to VSS must
not exceed +44 V. It is important to remember that the ADG436
supply voltage directly affects the input signal range, the switch
ON resistance and the switching times of the part. The effects of
the power supplies on these characteristics can be clearly seen
from the characteristic curves in this data sheet.
Power-Supply Sequencing
When using CMOS devices, care must be taken to ensure correct
power-supply sequencing. Incorrect power-supply sequencing can
result in the device being subjected to stresses beyond those
maximum ratings listed in the data sheet. Always sequence VDD
on first followed by VSS and the logic signals. An external signal
can then be safely presented to the source or drain of the switch.
OUTLINE DIMENSIONS
Dimensions are shown in inches and (mm).
16-Lead Plastic DIP
(N-16)
16
18
9
0.840 (21.33)
0.745 (18.93)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
16-Lead Narrow Body SOIC
(R-16A)
16
9
8
1
0.3937 (10.00)
0.3859 (9.80)
0.2550 (6.20)
0.2284 (5.80)
0.1574 (4.00)
0.1497 (5.80)
PIN 1
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
0.0500
(1.27)
BSC
0.0099 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°


Similar Part No. - ADG436BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG436BN AD-ADG436BN Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436BNZ1 AD-ADG436BNZ1 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
More results

Similar Description - ADG436BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG436 AD-ADG436_05 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436 AD-ADG436_15 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
logo
RF Micro Devices
RFSW6222 RFMD-RFSW6222 Datasheet
640Kb / 9P
   Differential SPDT or Dual SPDT Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Toshiba Semiconductor
TC7USB221FT TOSHIBA-TC7USB221FT Datasheet
226Kb / 12P
   Dual SPDT USB Switch
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com