Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG419BR Datasheet(PDF) 5 Page - Analog Devices

Part # ADG419BR
Description  LC2MOS Precision Mini-DIP Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG419BR Datasheet(HTML) 5 Page - Analog Devices

  ADG419BR Datasheet HTML 1Page - Analog Devices ADG419BR Datasheet HTML 2Page - Analog Devices ADG419BR Datasheet HTML 3Page - Analog Devices ADG419BR Datasheet HTML 4Page - Analog Devices ADG419BR Datasheet HTML 5Page - Analog Devices ADG419BR Datasheet HTML 6Page - Analog Devices ADG419BR Datasheet HTML 7Page - Analog Devices ADG419BR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADG419
REV. A
–5–
Typical Performance Characteristics–
TA = +25 C
VDD = +12V
VSS = –12V
VDD = +5V
VSS = –5V
VDD = +15V
VSS = –15V
VDD = +10V
VSS = –10V
VS, VD – Volts
50
40
0
–15
15
–10
–5
0
5
10
30
20
10
Figure 1. RON as a Function of VD (VS): Dual Supply Voltage
VDD = +15V
VSS = –15V
VL = +5V
+25 C
+85 C
+125 C
VS, VD – Volts
50
40
0
–15
15
–10
–5
0
510
30
20
10
Figure 2. RON as a Function of VD (VS) for Different
Temperatures
VDD = +15V
VSS = –15V
TA = +25 C
ID (ON)
IS (OFF)
ID (OFF)
VS, VD – Volts
0.02
0.01
–0.03
–15
15
–10
–5
0
510
0.00
–0.01
– 0.02
Figure 3. Leakage Currents as a Function of VS (VD)
TA = +25 C
VDD = +12V
VSS = 0V
VDD = +5V
VSS = 0V
VDD = +15V
VSS = 0V
VDD = +10V
VSS = 0V
VS, VD – Volts
100
80
0
0
15
5
10
60
40
20
Figure 4. RON as a Function of VD (VS): Single Supply
Voltage
VS, VD – Volts
100
80
0
VDD = +12V
VSS = 0V
VL = +5V
+125 C
+85 C
+25 C
0
12
3
69
60
40
20
Figure 5. RON as a Function of VD (VS) for Different
Temperatures
VDD = +12V
VSS = 0V
TA = +25 C
IS (OFF)
ID (OFF)
ID (ON)
VS, VD – Volts
0.006
0.004
–0.004
12
2
468
10
0.002
0.000
–0.002
0
Figure 6. Leakage Currents as a Function of VS (VD)


Similar Part No. - ADG419BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG419BR AD-ADG419BR Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG419BR-REEL AD-ADG419BR-REEL Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG419BR-REEL7 AD-ADG419BR-REEL7 Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG419BRM AD-ADG419BRM Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG419BRM-REEL AD-ADG419BRM-REEL Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
More results

Similar Description - ADG419BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_09 Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
ADG417 AD-ADG417 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_15 Datasheet
317Kb / 16P
   LC MOS Precision Mini-DIP Analog Switch
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com