Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG428 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG428
Description  LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG428 Datasheet(HTML) 3 Page - Analog Devices

  ADG428 Datasheet HTML 1Page - Analog Devices ADG428 Datasheet HTML 2Page - Analog Devices ADG428 Datasheet HTML 3Page - Analog Devices ADG428 Datasheet HTML 4Page - Analog Devices ADG428 Datasheet HTML 5Page - Analog Devices ADG428 Datasheet HTML 6Page - Analog Devices ADG428 Datasheet HTML 7Page - Analog Devices ADG428 Datasheet HTML 8Page - Analog Devices ADG428 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. C
–3–
ADG428/ADG429
SINGLE SUPPLY1
B Version
T Version
–40 C to
–55 C to
Parameter
+25 C
+85 C
+25 C
+125 C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
0 to VDD
V
RON
90
90
Ω typ
VD = +10 V, IS = –500
µA
200
200
Ω max
∆R
ON
10
10
% max
0 V < VS < 10 V, IS = –1 mA
LEAKAGE CURRENTS
Source OFF Leakage IS (OFF)
±0.005
±0.005
nA typ
VD = 10 V/0 V, VS = 0 V/10 V;
±0.5
±50
±0.5
±50
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
VD = 10 V/0 V, VS = 0 V/10 V;
ADG428
±0.015
±0.015
nA typ
Test Circuit 3
±1
±100
±1
±100
nA max
ADG429
±0.008
±0.008
nA typ
±1
±50
±1
±50
nA max
Channel ON Leakage ID, IS (ON)
VS = VD = 10 V/0 V;
ADG428
±0.02
±0.02
nA typ
Test Circuit 4
±1
±100
±1
±100
nA max
ADG429
±0.01
±0.01
nA max
±1
±50
±1
±50
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
±1
±1
µA max V
IN = 0 or VDD
CIN, Digital Input Capacitance
8
8
pF typ
f = 1 MHz
DYNAMIC CHARACTERISTICS2
tTRANSITION
250
250
ns typ
RL = 1 M
Ω, C
L = 35 pF;
350
450
350
450
ns max
VS1 = 10 V/0 V, VS8 = 0 V/10 V;
Test Circuit 5
tOPEN
25
10
25
10
ns min
RL = 1 k
Ω, C
L = 35 pF;
VS = +5 V; Test Circuit 6
tON (EN, WR)
200
200
ns typ
RL = 1 k
Ω, C
L = 35 pF;
300
400
300
400
ns max
VS = +5 V; Test Circuit 7
tOFF (EN, RS)
80
80
ns typ
RL = 1 k
Ω, C
L = 35 pF;
300
400
300
400
ns max
VS = +5 V; Test Circuit 7
tW, Write Pulsewidth
100
100
ns min
tS, Address, Enable Setup Time
100
100
ns min
tH, Address, Enable Hold Time
10
10
ns min
tRS, Reset Pulsewidth
100
100
ns min
VS = +5 V
Charge Injection
4
4
pC typ
VS = 6 V, RS = 0
Ω, C
L = 10 nF;
Test Circuit 10
OFF Isolation
–75
–75
dB typ
RL = 1 k
Ω, C
L = 15 pF, f = 100 kHz;
–60
–60
dB min
VS = 7 V rms, VEN = 0 V; Test Circuit 11
Channel-to-Channel Crosstalk
85
85
dB typ
RL = 1 k
Ω, C
L = 15 pF, f = 100 kHz;
Test Circuit 12
CS (OFF)
11
11
pF typ
f = 1 MHz
CD (OFF)
f = 1 MHz
ADG428
40
40
pF typ
ADG429
20
20
pF typ
CD, CS (ON)
f = 1 MHz
ADG428
54
54
pF typ
ADG429
34
34
pF typ
POWER REQUIREMENTS
VIN = 0 V, VEN = 0 V
IDD
20
20
µA typ
100
100
µA max
NOTES
1Temperature ranges are as follows: B Version: –40
°C to +85°C; T Version: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = +12 V, VSS = 0 V, GND = 0 V, WR = 0 V, RS = 2.4 V unless otherwise noted)


Similar Part No. - ADG428

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG428BN AD-ADG428BN Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428BP AD-ADG428BP Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428BR AD-ADG428BR Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428TQ AD-ADG428TQ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results

Similar Description - ADG428

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408_06 Datasheet
440Kb / 16P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com