Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0461.500ERT Datasheet(PDF) 3 Page - Littelfuse

Part # 0461.500ERT
Description  Telecom NANO2짰Fuse 461 Series and Teccor TeleLink짰 Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0461.500ERT Datasheet(HTML) 3 Page - Littelfuse

  0461.500ERT Datasheet HTML 1Page - Littelfuse 0461.500ERT Datasheet HTML 2Page - Littelfuse 0461.500ERT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10
Miniature Surface Mount
379
Surface Mount Fuses
www .littelfuse .com
Telecom NANO
Fuse 461 Series and Teccor TeleLink® Fuse
®
Test
Voltage Current
Waveform
Repetitions
Fuse
(V)
(A)
Choices
Impulse
For handheld units
2500
62.5
10 x 700
µs+ 10 w/60 sec. rest 0.5, 1.25, 2.0
Non handheld
1500
37.5
10 x 700
µs+ 10 w/60 sec. rest 0.5, 1.25, 2.0
Steady-State
For handheld units
1500
60Hz
0.5, 1.25, 2.0
Non handheld
1000
60Hz
0.5, 1.25, 2.0
Surge
Voltage Waveform Current
Waveform
Reps
Recommended
(V)
(
µs)
(A)
(
µs)
Fuse
Metallic A
800
10 x 560
100
10 x 560
1 ea. polarity
1.25
Longitudinal A
1500
10 x 160
200
10 x 160
1 ea. polarity
1.25
Metallic B
1000
9 x 720
25
5 x 320
1 ea. polarity
1.25
Longitudinal B
1500
9 x 720
37.5
5 x 320
1 ea. polarity
1.25
For the type A events the 0.5 fuse will open, providing non-operational compliance. The 1.25 & 2.0 will not open, providing
for operational compliance with TIA-968-A type A surge events.
TIA –968-A (formerly FCC Part 68) Surge Waveforms
(fuse can not open during type B events)
UL60950 (EN 60950) (formerly UL 1950) Power
Cross (L = longitudinal, M = metallic)
Test
Voltage
Current
Time
Fuse
Number
(V)
(A)
Choices
L1
600
40
1.5 sec.
0.5, 1.25, 2.0
L2
600
7
5 sec.
0.5, 1.25, 2.0
L3
600
2.2
30 min.
0.5, 1.25, 2.0
L4
200
2.2
30 min.
0.5, 1.25, 2.0
L5
120
25
30 min.
0.5, 1.25, 2.0
M1
600
40
1.5 sec.
0.5, 1.25, 2.0
M2
600
7
5 sec.
0.5, 1.25, 2.0
M3
600
2.2
30 min.
0.5, 1.25, 2.0
M4
600
2.2
30 min.
0.5, 1.25, 2.0
Selection of test number depends on current limiting & fire enclosure/spacing of
end product
• 26 AWG line cord removes L1/M1 test requirement
• L5 conducted only if product does not pass section 6.1.2
• L2,M2,L3,M3,L4,M4 conducted if not in a fire enclosure
Fuse must open before the wiring simulator fuse (MDL 2.0).
UL 60950 requirements
UL60950 (EN 60950) (formerly UL 1950)
Impulse Test & Steady-state electric strength test
®


Similar Part No. - 0461.500ERT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0461.500ER LITTELFUSE-0461.500ER Datasheet
192Kb / 4P
   Surface Mount Fuses Surge Resistant > 461 Series TeleLink Fuse
More results

Similar Description - 0461.500ERT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0461002.ERT LITTELFUSE-0461002.ERT Datasheet
201Kb / 3P
   Telecom NANO2짰Fuse 461 Series and Teccor TeleLink짰 Fuse
04611.25ERT LITTELFUSE-04611.25ERT Datasheet
201Kb / 3P
   Telecom NANO2짰Fuse and Teccor TeleLink짰 Fuse
0461002.ER LITTELFUSE-0461002.ER Datasheet
192Kb / 4P
   Surface Mount Fuses Surge Resistant > 461 Series TeleLink짰 Fuse
04611.25ER LITTELFUSE-04611.25ER Datasheet
192Kb / 4P
   Surface Mount Fuses Surge Resistant > 461 Series TeleLink짰 Fuse
04611.25ER16 LITTELFUSE-04611.25ER16 Datasheet
192Kb / 4P
   Surface Mount Fuses Surge Resistant > 461 Series TeleLink짰 Fuse
461 LITTELFUSE-461 Datasheet
654Kb / 4P
   The Littelfuse 461 Series TeleLink짰 Surface Mount, Surge Resistant Fuse
0159002.MR LITTELFUSE-0159002.MR Datasheet
199Kb / 4P
   159 Series Telelink짰 Fuse and Clip Assembly
159 LITTELFUSE-159 Datasheet
538Kb / 4P
   The 159 Series product is a metal fuse clip with pre-installed Littelfuse 461 Series TeleLink짰 fuse
logo
Tyco Electronics
FT600-2000 MACOM-FT600-2000 Datasheet
51Kb / 2P
   Telecom Fuse
FT600-1250 MACOM-FT600-1250 Datasheet
87Kb / 2P
   Telecom Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com