Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8881 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8881
Description  1.5A Automotive Buck Regulator with Watchdog
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8881 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8881_11 Datasheet HTML 5Page - ON Semiconductor NCV8881_11 Datasheet HTML 6Page - ON Semiconductor NCV8881_11 Datasheet HTML 7Page - ON Semiconductor NCV8881_11 Datasheet HTML 8Page - ON Semiconductor NCV8881_11 Datasheet HTML 9Page - ON Semiconductor NCV8881_11 Datasheet HTML 10Page - ON Semiconductor NCV8881_11 Datasheet HTML 11Page - ON Semiconductor NCV8881_11 Datasheet HTML 12Page - ON Semiconductor NCV8881_11 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
NCV8881
http://onsemi.com
9
WATCHDOG
ELECTRICAL CHARACTERISTICS (VVIN = 13.2 V, VEN = 2 V, CIN = 4.7 mF unless specified otherwise) Min/Max values are valid for
the temperature range −40°C vTJ v 150°C unless noted otherwise, and are guaranteed by test, design or statistical correlation.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
WATCHDOG INPUT (WDI pin)
Input High Voltage
2.0
V
Input Low Voltage
0.8
V
Input Current
VWDI = 5.0 V
5
10
mA
Threshold Frequency
fWDTH
to prevent RESB low
RDLY = 10 kW
RDLY = 20 kW
RDLY = 30 kW
20.85
10.42
6.95
Hz
RDLY INPUT
Output Voltage
RDLY = 10 kW
0.917
0.99
1.067
V
Output Voltage
RDLY = 30 kW
0.940
1.02
1.092
V
RESB OUTPUT
Output Voltage Low
VRBLO
VFB < VFBMONL, sinking 0.5 mA
0.03
0.1
V
Output leakage
VFB > VFBMONH
0.4
5
mA
POR Delay Time
tPOR
VFB > VFBMONH to RESB high;
RDLY = 10 kW
RDLY = 20 kW (Note 8)
RDLY = 30 kW (Note 8)
RDLY = open; ROSC = 36 kW (Note 8)
RDLY = open; ROSC = open
4.0
8
12
5
10
15
6.0
12
18
50
110
ms
Boot Delay Time
tBD
RESB high to low;
RDLY = 10 kW
RDLY = 20 kW (Note 8)
RDLY = 30 kW (Note 8)
RDLY = open; ROSC = 36 kW (Note 8)
RDLY = open; ROSC = open
40
80
120
50
100
150
60
120
180
500
1100
ms
Watchdog Delay Time
tWD
WDI low to RESB low;
RDLY = 10 kW
RDLY = 20 kW (Note 8)
RDLY = 30 kW (Note 8)
RDLY = open; ROSC = 36 kW (Note 8)
RDLY = open; ROSC = open
48
96
144
60
120
180
72
144
216
550
1300
ms
8. Guaranteed by design.


Similar Part No. - NCV8881_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8881PWR2G ONSEMI-NCV8881PWR2G Datasheet
327Kb / 33P
   1.5A Automotive Buck Regulator with Watchdog
January, 2011 ??Rev. 1
More results

Similar Description - NCV8881_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8881PWR2G ONSEMI-NCV8881PWR2G Datasheet
327Kb / 33P
   1.5A Automotive Buck Regulator with Watchdog
January, 2011 ??Rev. 1
NCV8881 ONSEMI-NCV8881 Datasheet
327Kb / 33P
   Automotive Buck Regulator with Watchdog
January, 2011 ??Rev. 1
logo
NXP Semiconductors
FS5600 NXP-FS5600 Datasheet
2Mb / 111P
   Automotive buck regulator and controller with voltage monitors and watchdog timer
Rev. 3 - 2 August 2022
logo
EM Microelectronic - MA...
EM6152A EMMICRO-EM6152A Datasheet
722Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1615 AOSMD-AOZ1615 Datasheet
832Kb / 14P
   1.5A/3MHz Buck Regulator
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com