Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6354 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP6354
Description  3MHz, 2A Fixed-Frequency Synchronous Buck Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6354 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP6354_12 Datasheet HTML 3Page - ON Semiconductor NCP6354_12 Datasheet HTML 4Page - ON Semiconductor NCP6354_12 Datasheet HTML 5Page - ON Semiconductor NCP6354_12 Datasheet HTML 6Page - ON Semiconductor NCP6354_12 Datasheet HTML 7Page - ON Semiconductor NCP6354_12 Datasheet HTML 8Page - ON Semiconductor NCP6354_12 Datasheet HTML 9Page - ON Semiconductor NCP6354_12 Datasheet HTML 10Page - ON Semiconductor NCP6354_12 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCP6354
http://onsemi.com
7
TYPICAL OPERATING CHARACTERESTICS
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
Figure 9. Efficiency vs. Output Current and
Input Voltage (VOUT = 3.3 V, TA = 255C)
IOUT, OUTPUT CURRENT (mA)
VIN = 3.6 V
VIN = 5.5 V
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
IOUT, OUTPUT CURRENT (mA)
Figure 10. Efficiency vs. Output Current and
Input Voltage (VOUT = 4 V, TA = 255C)
VIN = 4.5 V
VIN = 5.5 V
1.78
1.79
1.8
1.81
1.82
0
200 400 600 800 1000 1200 1400 1600 1800 2000
IOUT, OUTPUT CURRENT (mA)
VIN = 3.6 V
VIN = 5.5 V
VIN = 2.7 V
Figure 11. Load Regulation vs. Output Current
and Input Voltage (VOUT = 1.8 V, TA = 255C)
1.78
1.79
1.8
1.81
1.82
0
200 400 600 800 1000 1200 1400 1600 1800 2000
TA = −40°C
TA = 25°C
TA = 85°C
IOUT, OUTPUT CURRENT (mA)
Figure 12. Load Regulation vs. Output Current
and Temperature (VIN = 3.6 V, VOUT = 1.8 V)
Figure 13. Output Ripple Voltage (VIN = 3.6 V,
VOUT = 1.8 V, IOUT = 1 A, L=1.0 mH, COUT = 10 mF)
Figure 14. Load Transient Response (VIN = 3.6 V, VOUT
= 1.8 V, IOUT = 500 mA to 1500 mA, L = 1.0 mH,
COUT = 10 mF)
VOUT
5 mV/Div
3 mV
SW
2 V/Div
Time: 200 ns/Div
−70 mV
VOUT
100 mV/Div
100 mV
500 mA
1500 mA
IOUT 1 A/Div
SW 2 V/Div
Time: 20 ms/Div


Similar Part No. - NCP6354_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6354BMTAATBG ONSEMI-NCP6354BMTAATBG Datasheet
243Kb / 15P
   3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 2
More results

Similar Description - NCP6354_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV6354BMTAATBG ONSEMI-NCV6354BMTAATBG Datasheet
244Kb / 15P
   3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 4
NCP6354 ONSEMI-NCP6354 Datasheet
243Kb / 15P
   3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 2
NCV6354 ONSEMI-NCV6354 Datasheet
244Kb / 15P
   3MHz, 2A Fixed-Frequency,Synchronous Buck Converter
November, 2012 ??Rev. 4
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
   3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6324 ONSEMI-NCP6324 Datasheet
269Kb / 14P
   3MHz, 2A Synchronous Buck Converter
October, 2015 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076 Datasheet
686Kb / 7P
   2A 3MHz 6V Synchronous Buck Converter
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
   2A 3MHz 6V Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com