Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1397A Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1397A
Description  High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1397A Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1397A Datasheet HTML 1Page - ON Semiconductor NCP1397A Datasheet HTML 2Page - ON Semiconductor NCP1397A Datasheet HTML 3Page - ON Semiconductor NCP1397A Datasheet HTML 4Page - ON Semiconductor NCP1397A Datasheet HTML 5Page - ON Semiconductor NCP1397A Datasheet HTML 6Page - ON Semiconductor NCP1397A Datasheet HTML 7Page - ON Semiconductor NCP1397A Datasheet HTML 8Page - ON Semiconductor NCP1397A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
NCP1397A, NCP1397B
http://onsemi.com
2
Figure 1. Typical Application Example
R18
PIN FUNCTION DESCRIPTION
Pin #
Pin Name
Function
Pin Description
1
CSS(dis)
Soft−Start Discharge
Soft−start capacitor discharge pin. Connect to the soft−start capacitor to reset it
before startup or during overload conditions.
2
Fmax
Maximum frequency clamp
A resistor sets the maximum frequency excursion
3
Ctimer
Timer duration
Sets the timer duration in presence of a fault
4
Rt
Minimum frequency clamp
Connecting a resistor to this pin, sets the minimum oscillator frequency reached
for VFB = 1 V.
5
BO
Brown−Out
Detects low input voltage conditions. When brought above Vlatch (4 V typically), it
fully latches off the controller.
6
FB
Feedback
Injecting current into this pin increases the oscillation frequency up to Fmax.
7
DT
Deadtime
A simple resistor adjusts the dead−time width
8
Skip/Disable
Skip or Disable input
Upon release, a clean startup sequence occurs if VFB < 0.3 V. During the skip
mode, when FB doesn’t drop below 0.3 V, the IC restarts without soft−start
sequence.
9
Fault
Fault detection input
When asserted, the external timer starts to countdown and shuts down the
controller at the end of its time duration. Simultaneously the Soft−Start discharge
switch is activated so the converter operating frequency goes up to protect
application power stage. This input features also second fault comparator with
higher threshold (1.5 V typically) that:
A) Speeds up the timer capacitor charging current 8 times – NCP1397A
B) latches off the IC permanently – NCP1397B
In both versions the second fault comparator helps to protect application in case
of short circuit on the output or transformer secondary winding.
10
GND
Analog ground
11
Mlower
Low side output
Drives the lower side MOSFET
12
VCC
Supplies the controller
The controller accepts up to 20 V
13
NC
Not connected
Increases the creepage distance
14
HB
Half−bridge connection
Connects to the half−bridge output
15
Mupper
High side output
Drives the higher side MOSFET
16
Vboot
Bootstrap pin
The floating VCC supply for the upper stage


Similar Part No. - NCP1397A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1397A ONSEMI-NCP1397A Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
More results

Similar Description - NCP1397A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
   High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
NCP1399 ONSEMI-NCP1399_V01 Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
NCP13992 ONSEMI-NCP13992_V01 Datasheet
938Kb / 33P
   Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance
February, 2022 - Rev. 12
NCP1399 ONSEMI-NCP1399_16 Datasheet
677Kb / 44P
   High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com