Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1396D Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1396D
Description  High Performance Resonant Mode Controller featuring High--Voltage Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1396D Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1396D Datasheet HTML 1Page - ON Semiconductor NCP1396D Datasheet HTML 2Page - ON Semiconductor NCP1396D Datasheet HTML 3Page - ON Semiconductor NCP1396D Datasheet HTML 4Page - ON Semiconductor NCP1396D Datasheet HTML 5Page - ON Semiconductor NCP1396D Datasheet HTML 6Page - ON Semiconductor NCP1396D Datasheet HTML 7Page - ON Semiconductor NCP1396D Datasheet HTML 8Page - ON Semiconductor NCP1396D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
NCP1396A, NCP1396B
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS
(For typical values TJ =25C, for min/max values TJ =--40C to +125C, Max TJ = 150C, VCC = 12 V, unless otherwise noted.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
SUPPLY SECTION
Turn--on threshold level, VCC going up – A version
12
VCCON
12.3
13.4
14.3
V
Turn--on threshold level, VCC going up – B version
12
VCCON
9.5
10.5
11.5
V
Minimum operating voltage after turn--on
12
VCC(min)
8.5
9.5
10.5
V
Startup voltage on the floating section
16--14
VbootON
8
9
10
V
Cutoff voltage on the floating section
16--14
Vboot(min)
7.4
8.4
9.4
V
Startup current, VCC <VCCON
0C< TJ < +125C
--40C< TJ < +125C
12
Istartup
--
--
--
--
300
350
mA
VCC level at which the internal logic gets reset
12
VCCreset
--
6.5
--
V
Internal IC consumption, no output load on pin 15/14 – 11/10, Fsw =
300 kHz
12
ICC1
--
4
--
mA
Internal IC consumption, 1 nF output load on pin 15/14 – 11/10, Fsw =
300 kHz
12
ICC2
--
11
--
mA
Consumption in fault mode (All drivers disabled, VCC >VCC(min) )
12
ICC3
--
1.2
--
mA
VOLTAGE CONTROL OSCILLATOR (VCO)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Minimum switching frequency, Rt = 18 kΩ on pin 4, Vpin 6 = 0.8 V, DT =
300 ns
4
Fsw min
58.2
60
61.8
kHz
Maximum switching frequency, Rfmax = 1.3 kΩ on pin 2, Vpin 6 > 5.3 V,
Rt = 18 kΩ, DT = 300 ns
2
Fsw max
425
500
575
kHz
Feedback pin swing above which Δf=0
6
FBSW
--
5.3
--
V
Operating duty--cycle symmetry
11--15
DC
48
50
52
%
Delay before any driver re--start in fault mode
--
Tdel
--
20
--
ms
FEEDBACK SECTION
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Internal pull--down resistor
6
Rfb
--
20
--
Voltage on pin 6 below which the FB level has no VCO action
6
Vfb_min
--
1.2
--
V
Voltage on pin 6 below which the controller considers a fault
6
Vfb_off
--
0.6
--
V
DRIVE OUTPUT
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Output voltage rise--time @ CL = 1 nF, 10--90% of output signal
15--14/1
1--10
Tr
--
40
--
ns
Output voltage fall--time @ CL = 1 nF, 10--90% of output signal
15--14/1
1--10
Tf
--
20
--
ns
Source resistance
15--14/1
1--10
ROH
--
13
--
Ω
Sink resistance
15--14/1
1--10
ROL
--
5.5
--
Ω
Dead time with RDT =10kΩ from pin7toGND
7
T_dead
250
300
340
ns
Maximum dead--time with RDT =82kΩ from pin7toGND
7
T_dead--max
--
2
--
ms
Minimum dead--time, RDT =3kΩ from pin7toGND
7
T_dead--min
--
100
--
ns
Leakage current on high voltage pins to GND
14,
15,16
IHV_LEAK
--
--
5
mA


Similar Part No. - NCP1396D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1396A ONSEMI-NCP1396A Datasheet
441Kb / 27P
   High Performance Resonant Mode Controller featuring High?뭭oltage Drivers
February, 2007 ??Rev. P0
NCP1396A ONSEMI-NCP1396A Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High-Voltage Drivers
November, 2010 -- Rev. 7
NCP1396ADR2G ONSEMI-NCP1396ADR2G Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High-Voltage Drivers
November, 2010 -- Rev. 7
NCP1396ADR2G ONSEMI-NCP1396ADR2G Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
NCP1396AP ONSEMI-NCP1396AP Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
More results

Similar Description - NCP1396D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1396AP ONSEMI-NCP1396AP Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
NCP1396A ONSEMI-NCP1396A_10 Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High-Voltage Drivers
November, 2010 -- Rev. 7
NCP1396A ONSEMI-NCP1396A Datasheet
441Kb / 27P
   High Performance Resonant Mode Controller featuring High?뭭oltage Drivers
February, 2007 ??Rev. P0
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com