Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1379 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1379
Description  Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1379 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1379_11 Datasheet HTML 7Page - ON Semiconductor NCP1379_11 Datasheet HTML 8Page - ON Semiconductor NCP1379_11 Datasheet HTML 9Page - ON Semiconductor NCP1379_11 Datasheet HTML 10Page - ON Semiconductor NCP1379_11 Datasheet HTML 11Page - ON Semiconductor NCP1379_11 Datasheet HTML 12Page - ON Semiconductor NCP1379_11 Datasheet HTML 13Page - ON Semiconductor NCP1379_11 Datasheet HTML 14Page - ON Semiconductor NCP1379_11 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
NCP1379
http://onsemi.com
11
NCP1379 OPERATING MODES
NCP1379 has two operating mode: quasi−resonant
operation and VCO operation for the frequency foldback.
The operating mode is fixed by the FB voltage as
portrayed by Figure 22:
Quasi−resonant operation occurs for FB voltage higher
than 0.8 V (FB decreasing) or higher than 1.4 V (FB
increasing) which correspond to high output power and
medium output power. The peak current is variable and
is set by the FB voltage divided by 4.
Frequency foldback or VCO mode occurs for FB
voltage lower than 0.8 V (FB decreasing) or lower than
1.4 V (FB increasing). This corresponds to low output
power.
During VCO mode, the peak current decreases down to
17.5% of its maximum value and is then frozen. The
switching frequency is variable and decreases as the
output load decreases.
The switching frequency is set by the end of charge of
the capacitor connected to the CT pin. This capacitor is
charged with a constant current source and the
capacitor voltage is compared to an internal threshold
fixed by FB voltage. When this capacitor voltage
reaches the threshold the capacitor is rapidly discharged
down to 0 V and a new period start.
Figure 22. Operating Valley According to FB Voltage
VALLEY DETECTION AND SELECTION
The valley detection is done by monitoring the voltage of
the auxiliary winding of the transformer. A valley is detected
when the voltage on pin 1 crosses down the 55 mV internal
threshold. When a valley is detected, an internal counter is
incremented. The operating valley (1st, 2nd, 3rd or 4th) is
determined by the FB voltage as shown by Figure 22.


Similar Part No. - NCP1379_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1379DR2G ONSEMI-NCP1379DR2G Datasheet
346Kb / 22P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
December, 2009 ??Rev. P0
More results

Similar Description - NCP1379_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1380 ONSEMI-NCP1380_12 Datasheet
388Kb / 26P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
June, 2012 ??Rev. 4
NCP1380 ONSEMI-NCP1380 Datasheet
417Kb / 26P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2009 ??Rev. 1
NCP1336A ONSEMI-NCP1336A_V01 Datasheet
1,022Kb / 27P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
NCP1379 ONSEMI-NCP1379 Datasheet
346Kb / 22P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
December, 2009 ??Rev. P0
NCP1336A ONSEMI-NCP1336A Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1380 ONSEMI-NCP1380_V01 Datasheet
424Kb / 28P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com