Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1337 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1337
Description  PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1337 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1337_11 Datasheet HTML 7Page - ON Semiconductor NCP1337_11 Datasheet HTML 8Page - ON Semiconductor NCP1337_11 Datasheet HTML 9Page - ON Semiconductor NCP1337_11 Datasheet HTML 10Page - ON Semiconductor NCP1337_11 Datasheet HTML 11Page - ON Semiconductor NCP1337_11 Datasheet HTML 12Page - ON Semiconductor NCP1337_11 Datasheet HTML 13Page - ON Semiconductor NCP1337_11 Datasheet HTML 14Page - ON Semiconductor NCP1337_11 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NCP1337
http://onsemi.com
11
Soxyless
The “Valley point detection” is based on the observation
of the Power MOSFET Drain voltage variations. When the
transformer is fully demagnetized, the Drain voltage
evolution from the plateau level down to the VIN asymptote
is governed by the resonating energy transfer between the
LP transformer inductor and the global capacitance present
on the Drain. These voltage oscillations create current
oscillation in the parasitic capacitor across the switching
MOSFET (modelized by the Crss capacitance between
Gate and Drain): a negative current (flowing out of DRV
pin) takes place during the decreasing part of the Drain
oscillation, and a positive current (entering into the DRV
pin) during the increasing part.
The Drain valley corresponds to the inversion of the
current (i.e., the zero crossing): by detecting this point, we
always ensure a true valley turn−on.
Lprim
Crss
DRV
Isoxy
Vswitch
TSWING
t
Figure 6. Soxyless Concept
The current in the Power MOSFET gate is:
Igate = Vringing/Zc (with Zc the capacitance impedance)
so
Igate = Vringing
S (2 S p S Fres S Crss)
The magnitude of this gate current depends on the
MOSFET, the resonating frequency and the voltage swing
present on the Drain at the end of the plateau voltage.
The dead time TSWING is given by the equation:
Tswing + 0.5 Fres + p *Lp * Cdrain
(eq. 1)
(where LP is the primary transformer inductance and
CDRAIN the total capacitance present on the MOSFET
Drain. This capacitance includes the snubber capacitor if
any, the transformer windings stray capacitance plus the
parasitic MOSFET capacitances COSS and CRSS).
Internal Feedback Circuitry
To simplify the implementation of a primary regulation,
it is necessary to inject a current into the FB pin (instead of
sourcing it out). But to have a precise primary regulation,
the voltage present on FB pin must be regulated. Figure 8
gives the FB pin internal implementation: the circuitry
combines the functions of a current to voltage converter
and a voltage regulator.
FB
+
-
+
3 V
Vdd
Internal
Setpoint
20 kHz
Low−pass Filter
Figure 7. Internal Implementation of FB Pin


Similar Part No. - NCP1337_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1337 ONSEMI-NCP1337_15 Datasheet
168Kb / 15P
   PWM Current-Mode Controller
December, 2014 ??Rev. 6
More results

Similar Description - NCP1337_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com