Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE700T Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJE700T
Description  4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE700T Datasheet(HTML) 2 Page - Motorola, Inc

  MJE700T Datasheet HTML 1Page - Motorola, Inc MJE700T Datasheet HTML 2Page - Motorola, Inc MJE700T Datasheet HTML 3Page - Motorola, Inc MJE700T Datasheet HTML 4Page - Motorola, Inc MJE700T Datasheet HTML 5Page - Motorola, Inc MJE700T Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJE700,T MJE702 MJE703 MJE800,T MJE802 MJE803
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (1)
MJE700,T, MJE800,T
(IC = 50 mAdc, IB = 0)
MJE702, MJE703, MJE802, MJE803
V(BR)CEO
60
80
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
MJE700,T, MJE800,T
(VCE = 80 Vdc, IB = 0)
MJE702, MJE703, MJE802, MJE803
ICEO
100
100
µAdc
Collector Cutoff Current (VCB = Rated BVCEO, IE = 0)
Collector Cutoff Current (VCB = Rated BVCEO, IE = 0, TC = 100_C)
ICBO
100
500
µAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS
DC Current Gain (1)
(IC = 1.5 Adc, VCE = 3.0 Vdc)
MJE700,T, MJE702, MJE800,T, MJE802
(IC = 2.0 Adc, VCE = 3.0 Vdc)
MJE703, MJE803
(IC = 4.0 Adc, VCE = 3.0 Vdc)
All devices
hFE
750
750
100
Collector–Emitter Saturation Voltage (1)
(IC = 1.5 Adc, IB = 30 mAdc)
MJE700,T, MJE702, MJE800,T, MJE802
(IC = 2.0 Adc, IB = 40 mAdc)
MJE703, MJE803
(IC = 4.0 Adc, IB = 40 mAdc)
All devices
VCE(sat)
2.5
2.8
3.0
Vdc
Base–Emitter On Voltage (1)
(IC = 1.5 Adc, VCE = 3.0 Vdc)
MJE700,T, MJE702, MJE800,T, MJE802
(IC = 2.0 Adc, VCE = 3.0 Vdc)
MJE703, MJE803
(IC = 4.0 Adc, VCE = 3.0 Vdc)
All devices
VBE(on)
2.5
2.5
3.0
Vdc
DYNAMIC CHARACTERISTICS
Small–Signal Current Gain (IC = 1.5 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
hfe
1.0
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
0.04
0.2
2.0
0.1
0.06
0.4
1.0
4.0
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.8
0.6
0.4
0.2
ts
Figure 2. Switching Times Test Circuit
tr
td @ VBE(off) = 0
PNP
NPN
4.0
0.6
Figure 3. Switching Times
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
1.0
2.0
5.0
10
20
50
100
200
1.0 k
500
Z
θJC(t) = r(t) RθJC
R
θJC = 2.50°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) Z
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02
0.1
0.5
0.2
0.02
Figure 4. Thermal Response (MJE700T, 800T Series)
V2
APPROX
+ 8.0 V
0
≈ 6.0 k
SCOPE
VCC
– 30 V
RC
51
For td and tr, D1 id disconnected
and V2 = 0, RB and RC are varied
to obtain desired test currents.
For NPN test circuit, reverse diode,
polarities and input pulses.
25
µs
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
+ 4.0 V
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
V1
APPROX
–12 V
TUT
RB
D1
≈ 150
tf
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C


Similar Part No. - MJE700T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE700T MOSPEC-MJE700T Datasheet
194Kb / 4P
   POWER TRANSISTORS(4.0A,60-80V,40W)
logo
ON Semiconductor
MJE700T ONSEMI-MJE700T Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
Inchange Semiconductor ...
MJE700T ISC-MJE700T Datasheet
250Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
MJE700T NJSEMI-MJE700T Datasheet
81Kb / 2P
   Plastic Darlington Complementary Silicon Power Transistors
More results

Similar Description - MJE700T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE700 ONSEMI-MJE700_06 Datasheet
84Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
February, 2006 ??Rev. 8
logo
Motorola, Inc
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
   10 Ampere Darlington Power Transistors Complementary Silicon
logo
Motorola, Inc
TIP140 MOTOROLA-TIP140 Datasheet
234Kb / 6P
   10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
TIP110 MOTOROLA-TIP110 Datasheet
269Kb / 6P
   DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
   4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com