Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1237 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1237_11 Datasheet HTML 1Page - ON Semiconductor NCP1237_11 Datasheet HTML 2Page - ON Semiconductor NCP1237_11 Datasheet HTML 3Page - ON Semiconductor NCP1237_11 Datasheet HTML 4Page - ON Semiconductor NCP1237_11 Datasheet HTML 5Page - ON Semiconductor NCP1237_11 Datasheet HTML 6Page - ON Semiconductor NCP1237_11 Datasheet HTML 7Page - ON Semiconductor NCP1237_11 Datasheet HTML 8Page - ON Semiconductor NCP1237_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
© Semiconductor Components Industries, LLC, 2011
July, 2011 − Rev. 4
1
Publication Order Number:
NCP1237/D
NCP1237
Fixed Frequency Current
Mode Controller for Flyback
Converters
The NCP1237 is a new generation of the NCP12xx fixed−frequency
current−mode controllers featuring Dynamic Self−Supply (DSS),
pin−to−pincompatible with the previous generation.
The DSS function greatly simplifies the design of the auxiliary supply
and the VCC capacitor by activating the internal startup current source to
supply the controller during transients.
Due to its proprietary Soft−Skip
™ mode combined with frequency
foldback, the controller exhibits excellent efficiency in light load
condition while still achieving very low standby power consumption.
This Soft−Skip feature also dramatically reduces the risk of acoustic
noise, which enables the use of inexpensive transformers and
capacitors in the clamping network.
The NCP1237 features a dual−level timer−based fault detection that
controls the amount of transient peak power that the controller can
deliver for a limited time.
Internal frequency jittering, ramp compensation, and a versatile
latch input make this controller an excellent candidate for converters
where ruggedness and components cost are the key constraints.
In addition, the controller includes a new high voltage circuitry that
combines a startup current source and a brown−out / line OVP detector
able to sense the input voltage either from the rectified ac line or the dc
filtered bulk voltage.
Finally, due to a careful design, the precision of critical parameters
is well controlled over the entire temperature range (−40
°C to
+125
°C), enabling easier design and increased safety (e.g. ±5% for the
peak current limit,
±7% for the oscillator).
Features
Timer−Based Transient Power and Overload
Protections with Auto−Recovery (Option B) or Latched
(Option A) Operation
High−Voltage Current Source with DSS with Built−in
Brown−out and Line Overvoltage Protections
Fixed−Frequency Current−Mode Operation with
Built−in Ramp Compensation
Frequency Jittering for a Reduced EMI Signature
Adjustable Overpower Compensation
Latch−off Input for Severe Fault Conditions, with
Direct Connection of an NTC for Overtemperature
Protection (OTP)
Protection Against Winding Short−Circuit
Frequency Foldback transitioning into Soft−Skip for
Improved Performance in Standby
65 kHz Oscillator (100 kHz and 133 kHz Versions
Available Upon Request)
VCC Operation up to 28 V
Increased Precision on Critical Parameters
±1.0 A Peak Drive Capability
4.0 ms Soft−Start
Internal Thermal Shutdown with Hysteresis
These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant*
Typical Applications
ac−dc Adapters for Notebooks, LCD, and Printers
Offline Battery Chargers
Consumer Electronic Power Supplies
Auxiliary/Housekeeping Power Supplies
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOIC−7
CASE 751U
MARKING
DIAGRAM
http://onsemi.com
37Xff
ALYWX
G
1
8
37Xff = Specific Device Code
X = A or B
ff = 65, 00, or 33
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 40 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1237_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1237AD65R2G ONSEMI-NCP1237AD65R2G Datasheet
271Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1237BD65R2G ONSEMI-NCP1237BD65R2G Datasheet
271Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
More results

Similar Description - NCP1237_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP12400 ONSEMI-NCP12400_V01 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP1246 ONSEMI-NCP1246_12 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com