Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON6240 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AON6240
Description  40V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6240 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AON6240 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6240 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6240 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6240 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6240 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6240 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AON6240
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
1000
2000
3000
4000
5000
6000
7000
0
5
10
15
20
25
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=20V
I
D=20A
T
J(Max)=150°C
T
C=25°C
0
40
80
120
160
200
240
280
320
360
400
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
1000
2000
3000
4000
5000
6000
7000
0
5
10
15
20
25
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
C
oss
C
rss
V
DS=20V
I
D=20A
Single Pulse
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
T
J(Max)=150°C
T
C=25°C
RθJC=1.5°C/W
0
40
80
120
160
200
240
280
320
360
400
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
Rev 0: February 2011
www.aosmd.com
Page 4 of 6


Similar Part No. - AON6240

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6242 AOSMD-AON6242 Datasheet
292Kb / 6P
   60V N-Channel MOSFET
AON6244 AOSMD-AON6244 Datasheet
304Kb / 6P
   60V N-Channel MOSFET
AON6246 AOSMD-AON6246 Datasheet
292Kb / 6P
   60V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AON6246 VBSEMI-AON6246 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AON6248 AOSMD-AON6248 Datasheet
270Kb / 6P
   60V N-Channel MOSFET
More results

Similar Description - AON6240

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
   40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
   40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
   40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480_10 Datasheet
173Kb / 4P
   40V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com