Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KX1400 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # KX1400
Description  Description KX1400 Audio Playback IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

KX1400 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  KX1400 Datasheet HTML 1Page - Synaptics Incorporated. KX1400 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KX1400 Features
Plays Pre-recorded 8 kHz Audio
Data
Operates Standalone or as MCU
Peripheral
On-chip Tone Generator
Built-in Digital Audio Processor
Integrated Class-D Speaker
Driver
No External Low-pass Filter
Required
Digital Volume Control
On-chip Oscillator - No XTAL
Required
Plays up to 4096 Pre-recorded
Audio Phrases
Configurable General-purpose
Clock Output
Two General-purpose Digital
Outputs
Low-power Standby State (1 µA
Typ.)
Operating Voltage: 2.7V - 5.5V
Operating Temperature: -40°C to
85°C
Package:
– 24-pin 4X4mm QFN
(KX1400EG)
Conexant Product Portfolio
Conexant’s comprehensive product portfolio includes solutions for imaging, audio, video surveillance, and embedded modem applications.
KX1400 Functional Block Diagram
The KX1400 is offered in a 24-pin 4X4mm QFN (KX1400EG) package
Digital
Audio
Processor
Memory
I/F
Clock
D ivider
MCU
I/F
Tone
Generator
C ontrol
Volum e
C ontrol
CLKOUT
RST
SC L
SD I
CS
RDY
MSIZ E
VD D
VDD2
GND
MODE
GPO2
SPO+
SPO-
GPO2
MISO
MOSI
M SSL
MCLK
C lass-D
Amp
8 M H z Osc.
BU SY
© 2011 Conexant Systems, Inc. All Rights Reserved. Conexant and the
Conexant logo are registered trademarks of Conexant Systems, Inc. All other
trademarks are owned by their respective owners. Although Conexant strives
for accuracy in all its publications, this material may contain errors or
omissions and is subject to change without notice. THIS MATERIAL IS
PROVIDED AS IS AND WITHOUT ANY EXPRESS OR IMPLIED
WARRANTIES, INCLUDING MERCHANTABILITY, FITNESS FOR A
PAPARTICULAR PURPOSE AND NON-INFRINGEMENT. Conexant shall
not be liable for any special, indirect, incidental or consequential damages as
a result of its use.
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-202776


Similar Part No. - KX1400

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KX14-100K2B JAE-KX14-100K2B Datasheet
161Kb / 5P
   KX14/15 SERIES CONNECTORS
KX14-100K5B JAE-KX14-100K5B Datasheet
161Kb / 5P
   KX14/15 SERIES CONNECTORS
KX14-100K8B JAE-KX14-100K8B Datasheet
161Kb / 5P
   KX14/15 SERIES CONNECTORS
KX14-100N2B JAE-KX14-100N2B Datasheet
161Kb / 5P
   KX14/15 SERIES CONNECTORS
KX14-100N5B JAE-KX14-100N5B Datasheet
161Kb / 5P
   KX14/15 SERIES CONNECTORS
More results

Similar Description - KX1400

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3316K PANASONIC-AN3316K Datasheet
26Kb / 2P
   Recording/Playback Amplifier IC for VCR Hi-Fi Audio
logo
List of Unclassifed Man...
UT53108 ETC-UT53108 Datasheet
123Kb / 9P
   VOICE RECORD PLAYBACK IC
logo
NXP Semiconductors
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
   DVD and CD playback IC
Rev. 03-25 November 2004
TDA1602A PHILIPS-TDA1602A Datasheet
848Kb / 19P
   Double-deck playback/record IC
April 1992
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7295 SANYO-LA7295 Datasheet
131Kb / 6P
   VTR Audio Signal Recording/ Playback Processor?
LA7096 SANYO-LA7096 Datasheet
209Kb / 5P
   VTR Audio Signal Recording/Playback Processor
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
logo
OKI electronic componet...
MSM9888L OKI-MSM9888L Datasheet
106Kb / 14P
   Flash-driving Recording and Playback IC
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016_15 Datasheet
570Kb / 24P
   16 min Recording & Playback Voice IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com