Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30082 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCL30082
Description  Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30082 Datasheet(HTML) 2 Page - ON Semiconductor

  NCL30082 Datasheet HTML 1Page - ON Semiconductor NCL30082 Datasheet HTML 2Page - ON Semiconductor NCL30082 Datasheet HTML 3Page - ON Semiconductor NCL30082 Datasheet HTML 4Page - ON Semiconductor NCL30082 Datasheet HTML 5Page - ON Semiconductor NCL30082 Datasheet HTML 6Page - ON Semiconductor NCL30082 Datasheet HTML 7Page - ON Semiconductor NCL30082 Datasheet HTML 8Page - ON Semiconductor NCL30082 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
NCL30082
http://onsemi.com
2
1
2
3
45
8
6
7
.
.
Aux
.
Figure 1. Typical Application Schematic for NCL30082
VDIM
Table 1. PIN FUNCTION DESCRIPTION
Pin No
Pin Name
Function
Pin Description
1
SD
Thermal Fold−back
and shutdown
Connecting an NTC to this pin allows reducing the output current down to 50%
of its fixed value before stopping the controller. A Zener diode can also be
used to pull−up the pin and stop the controller for adjustable OVP protection
2
ZCD
Zero Crossing Detection
Connected to the auxiliary winding, this pin detects the core reset event.
3
CS
Current sense
This pin monitors the primary peak current
4
GND
The controller ground
5
DRV
Driver output
The current capability of the totem pole gate drive (+0.3/−0.5 A) makes it suit-
able to effectively drive a broad range of power MOSFETs.
6
VCC
Supplies the controller
This pin is connected to an external auxiliary voltage.
7
VIN
Input voltage sensing
Brown−Out
This pin observes the HV rail and is used in valley selection. This pin also
monitors and protects for low mains conditions.
8
DIM
Analog / PWM dimming
This pin is used for analog or PWM dimming control. An analog signal than
can be varied between VDIM(EN) and VDIM100 can be used to vary the current,
or a PWM signal with an amplitude greater than VDIM100.


Similar Part No. - NCL30082

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30082 ONSEMI-NCL30082 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30082A ONSEMI-NCL30082A Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30082A ONSEMI-NCL30082A Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30082ADMR2G ONSEMI-NCL30082ADMR2G Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30082ADMR2G ONSEMI-NCL30082ADMR2G Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
More results

Similar Description - NCL30082

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30082 ONSEMI-NCL30082_13 Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30083 ONSEMI-NCL30083_15 Datasheet
393Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
January, 2015 ??Rev. 2
NCL30083 ONSEMI-NCL30083_13 Datasheet
404Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com