Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30081 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCL30081
Description  Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30081 Datasheet(HTML) 5 Page - ON Semiconductor

  NCL30081 Datasheet HTML 1Page - ON Semiconductor NCL30081 Datasheet HTML 2Page - ON Semiconductor NCL30081 Datasheet HTML 3Page - ON Semiconductor NCL30081 Datasheet HTML 4Page - ON Semiconductor NCL30081 Datasheet HTML 5Page - ON Semiconductor NCL30081 Datasheet HTML 6Page - ON Semiconductor NCL30081 Datasheet HTML 7Page - ON Semiconductor NCL30081 Datasheet HTML 8Page - ON Semiconductor NCL30081 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NCL30081
http://onsemi.com
5
Table 3. ELECTRICAL CHARACTERISTICS (Unless otherwise noted: For typical values TJ = 25°C, VCC = 12 V;
For min/max values TJ = −40°C to +125°C, Max TJ = 150°C, VCC = 12 V)
Description
Test Condition
Symbol
Min
Typ
Max
Unit
STARTUP AND SUPPLY CIRCUITS
Supply Voltage
Startup Threshold
Minimum Operating Voltage
Hysteresis VCC(on) – VCC(off)
Internal logic reset
VCC increasing
VCC decreasing
VCC decreasing
VCC(on)
VCC(off)
VCC(HYS)
VCC(reset)
16
8.2
8
3.5
18
8.8
4.5
20
9.4
5.5
V
Over Voltage Protection
VCC OVP threshold
VCC(OVP)
26
28
30
V
VCC(off) noise filter
VCC(reset) noise filter−
tVCC(off)
tVCC(reset)
5
20
ms
Startup current
ICC(start)
13
30
mA
Startup current in fault mode
ICC(sFault)
46
60
mA
Supply Current
Device Disabled/Fault
Device Enabled/No output load on pin 5
Device Switching (Fsw = 65 kHz)
VCC > VCC(off)
Fsw = 65 kHz
CDRV = 470 pF,
Fsw = 65 kHz
ICC1
ICC2
ICC3
0.8
1.0
2.15
2.6
1.4
4.0
5.0
mA
CURRENT SENSE
Maximum Internal current limit
VILIM
0.95
1
1.05
V
Leading Edge Blanking Duration for VILIM
(Tj = −25°C to 125°C)
tLEB
250
300
350
ns
Leading Edge Blanking Duration for VILIM
(Tj = −40°C to 125°C)
tLEB
240
300
350
ns
Input Bias Current
DRV high
Ibias
0.02
mA
Propagation delay from current detection to gate off−state
tILIM
50
150
ns
Threshold for immediate fault protection activation
VCS(stop)
1.35
1.5
1.65
V
Leading Edge Blanking Duration for VCS(stop)
tBCS
120
ns
Blanking time for CS to GND short detection VpinVIN = 1 V
tCS(blank1)
8.0
14.0
ms
Blanking time for CS to GND short detection VpinVIN = 3.3 V
tCS(blank2)
2.6
4.6
ms
GATE DRIVE
Drive Resistance
DRV Sink
DRV Source
RSNK
RSRC
13
30
W
Drive current capability
DRV Sink (Note 4)
DRV Source (Note 4)
ISNK
ISRC
500
300
mA
Rise Time (10% to 90%)
CDRV = 470 pF
tr
40
ns
Fall Time (90% to 10%)
CDRV = 470 pF
tf
30
ns
DRV Low Voltage
VCC = VCC(off)+0.2 V
CDRV = 470 pF,
RDRV = 33 kW
VDRV(low)
8
V
DRV High Voltage
VCC = 30 V
CDRV = 470 pF,
RDRV = 33 kW
VDRV(high)
10
12
14
V
4. Guaranteed by design


Similar Part No. - NCL30081

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30081A ONSEMI-NCL30081A Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30081ASNT1G ONSEMI-NCL30081ASNT1G Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30081ASNT1G ONSEMI-NCL30081ASNT1G Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30081B ONSEMI-NCL30081B Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30081BSNT1G ONSEMI-NCL30081BSNT1G Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
More results

Similar Description - NCL30081

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
NCL30083 ONSEMI-NCL30083_15 Datasheet
393Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
January, 2015 ??Rev. 2
NCL30083 ONSEMI-NCL30083_13 Datasheet
404Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30086BH ONSEMI-NCL30086BH Datasheet
376Kb / 30P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2016 ??Rev. 0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com