Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KNA16100C45UA7TS Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # KNA16100C45UA7TS
Description  Distributed constant type LC filter. Prevents ringing caused by circuit impedance.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KNA16100C45UA7TS Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  KNA16100C45UA7TS Datasheet HTML 1Page - Kyocera Kinseki Corpotation KNA16100C45UA7TS Datasheet HTML 2Page - Kyocera Kinseki Corpotation KNA16100C45UA7TS Datasheet HTML 3Page - Kyocera Kinseki Corpotation KNA16100C45UA7TS Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMI Filter Array
KNA21 Series
RoHS Compliant
Features
• Distributed constant type LC filter.
Prevents ringing caused by circuit
impedance.
• Stable noise attenuation over wide
frequency range.
• Small and low profile.
• KNA21xxxUA Series realize sharp
attenuation characteristics over the
frequency range from 470MHz for terrestrial
digital TV to 2GHz for mobile phones.
Applications
• Data Lines for Mobile Phones (LCD
Lines, Video Lines, Bus Lines)
• Bus Lines for Digital Equipment
• Terrestrial Digital TV Broadcasting
How to Order
KNA 21 400 C18 MA 3T S
①② ③
⑤ ⑥ ⑦
① Series
② Size Code
21
2012 (EIA: 0805)
③ Cut off Frequency
150
150MHz
250
250MHz
200
200MHz
300
300MHz
220
220MHz
400
400MHz
④ Capacitance
C15
15pF
C35
35pF
C18
18pF
C45
45pF
C25
25pF
⑤ Application
MA
For Mobile phone
UA
Wide band (1 seg., DVB-H)
⑥ Packaging
3T
T&R: 3000 pcs. (KNA21: Std.)
⑦ Termination
S
Std.
Specifications
Part Number
Cut off
Frequency
Capacitance
(
+25/ −20%)
Attenuation
(Typical)
Rated
Current
Rated
Voltage
Operating
Temperature
KNA21300C15MA3TS 300MHz
15pF
800 to 2000MHz (@20dB) 35mA 25VDC
−25 to +85°C
KNA21400C18MA3TS 400MHz
18pF
800 to 1000MHz (@20dB) 50mA 25VDC
KNA21150C45UA3TS 150MHz
45pF
470 to 1000MHz (@35dB)
1000 to 2500MHz (@25dB)
25mA 25VDC
−25 to +85°C
KNA21200C35UA3TS 200MHz
35pF
470 to 1000MHz (@30dB)
1000 to 2500MHz (@20dB)
25mA 25VDC
KNA21220C25UA3TS 220MHz
25pF
470 to 1000MHz (@25dB)
1000 to 2500MHz (@20dB)
25mA 25VDC
KNA21250C18UA3TS
250MHz
18pF
470 to 1000MHz (@25dB)
1000 to 2500MHz (@20dB)
25mA 25VDC
Storage condition
Temperature:
−10 to +45°C
Humidity: 45 to 75%RH
Dimensions
(Unit: mm)
KNA21xxxMA Series
KNA21xxxUA Series
IN
L
IN/OUT
OUT
IN/OUT
L
PG
Input Direction Mark
Top/Bottom Mark
S
CODE
L
W
T
Dimensions
2.0
±0.2
1.25
±0.2 0.7±0.15
CODE
P
S
G
Dimensions
0.50
0.25
±0.1 0.40±0.15
Attenuation Characteristics
KNA21xxxMA Series
−60
−50
−40
−30
−20
−10
10
10
100
1000
10000
Frequency (MHz)
0
KNA21300C15MA
KNA21400C18MA
KNA21xxxUA Series
10
100
1000
10000
Frequency (MHz)
KNA21250C18UA
KNA21200C35UA
KNA21150C45UA
KNA21220C25UA
−60
−50
−40
−30
−20
−10
10
0
Recommended Land Pattern
(Unit: mm)
Packaging Specification
• Taping
KNA21 : 3,000/ reel: STD.
(Unit: mm)
CODE
A
B
C
D
E
F
G
H
I
J
Dimensions 2.00 0.95 0.75 1.75 0.25 0.25 0.50 1.35 2.45 0.20


Similar Description - KNA16100C45UA7TS

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
RGB-CONTROLLER-101 HB-RGB-CONTROLLER-101 Datasheet
401Kb / 5P
   Damage caused by misuse
logo
SCHOTT CORPORATION
39812 SCHOTT-39812 Datasheet
37Kb / 1P
   INTERNAL RINGING FILTER
logo
Shenzhen Bencent Electr...
BS8000N-C-F BENCENT-BS8000N-C-F Datasheet
344Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS3500N-C-F BENCENT-BS3500N-C-F Datasheet
272Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060U-2G BENCENT-BS0060U-2G Datasheet
241Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS1100N-2A1 BENCENT-BS1100N-2A1 Datasheet
411Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-C BENCENT-BS4200Q-C Datasheet
313Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-D BENCENT-BS4200Q-D Datasheet
301Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-2C BENCENT-BS0060N-2C Datasheet
297Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-C-F BENCENT-BS0060N-C-F Datasheet
333Kb / 5P
   Eliminates overvoltage caused by fast rising transients
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com