Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

045101.6MRL Datasheet(PDF) 1 Page - Littelfuse

Part # 045101.6MRL
Description  Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

045101.6MRL Datasheet(HTML) 1 Page - Littelfuse

  045101.6MRL Datasheet HTML 1Page - Littelfuse 045101.6MRL Datasheet HTML 2Page - Littelfuse 045101.6MRL Datasheet HTML 3Page - Littelfuse 045101.6MRL Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Fuses
57
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
451/453 Series
NANO> Very Fast-Acting > 451/453 Series
Please refer to www.littelfuse.com/series/451.html
or /453.html for current information.
451/453 Series Fuse
Description
The Nano2 SMF Fuse is a very small, Wire-in-Air (WIA)
square shape surface mount fuse which is very suitable
for the secondary side circuit over-current protection
applications and is designed for PCB using surface mount
technology.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
6.3A - 15A
LR29862
62mA - 15A
PS
E
NBK030205-E10480B
NBK101105-E184655
1A - 5A
6.3A - 10A
E10480
62mA - 5A
Electrical Characteristics for Series
Features
• Veryfastacting
• Smallsize
• Widerangeofcurrent
rating available (62mA
to 15A)
• Wideoperating
temperature range
• Lowtemperature
de-rating
• RoHScompliant
• HalogenFree
% of Ampere
Rating
Ampere Rating
Opening Time
100%
1/16 –15
4 hours, Minimum
200%
1/16 –10
5 sec., Maximum
12 –15
20 sec., Maximum
PS
E
Applications
• NotebookPC
• LCD/PDPTV
• LCDmonitor
• LCD/PDPpanel
• LCDbacklightinverter
• PortableDVDplayer
• Powersupply
• Networking
• PCserver
• Coolingfansystem
• Storagesystem
• Telecomsystem
• Wirelessbasestation
• Whitegoods
• Gameconsole
• OfficeAutomation
equipment
• Batterychargingcircuit
protection
• Industrialequipment
• Medicalequipment
• Automotive
Revised: January 10, 2012


Similar Part No. - 045101.6MRL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
045101.6MR LITTELFUSE-045101.6MR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
More results

Similar Description - 045101.6MRL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0451.315MRL LITTELFUSE-0451.315MRL Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
0451.750MR LITTELFUSE-0451.750MR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
0451002.NRL LITTELFUSE-0451002.NRL Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
0451003.MR LITTELFUSE-0451003.MR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
0451004.NR LITTELFUSE-0451004.NR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
0451005.MRL LITTELFUSE-0451005.MRL Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
0451007.MR LITTELFUSE-0451007.MR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
0451008.MR LITTELFUSE-0451008.MR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
0451010.MR LITTELFUSE-0451010.MR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
0451015.NR LITTELFUSE-0451015.NR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
0451.250MR LITTELFUSE-0451.250MR Datasheet
1Mb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 451/453 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com