Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7081_GF085 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7081_GF085
Description  The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7081_GF085 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7081_GF085 Datasheet HTML 1Page - Fairchild Semiconductor FAN7081_GF085 Datasheet HTML 2Page - Fairchild Semiconductor FAN7081_GF085 Datasheet HTML 3Page - Fairchild Semiconductor FAN7081_GF085 Datasheet HTML 4Page - Fairchild Semiconductor FAN7081_GF085 Datasheet HTML 5Page - Fairchild Semiconductor FAN7081_GF085 Datasheet HTML 6Page - Fairchild Semiconductor FAN7081_GF085 Datasheet HTML 7Page - Fairchild Semiconductor FAN7081_GF085 Datasheet HTML 8Page - Fairchild Semiconductor FAN7081_GF085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
©2012 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FAN7081_GF085 Rev. 1.0.1
Dynamic Electrical Characteristics
Unless otherwise specified, -40°C <= Ta <= 125°C, VCC = 15V, VBS = 15V, VS = 0V, RL = 50
, CL = 2.5nF.
Parameter
Symbol
Conditions
Min. Typ. Max. Unit
Input-to-output turn-on propagation delay
tplh
50% input level to 10% output level,
VS = 0V
130
300
ns
Input-to-output turn-off propagation delay
tphl
50% input level to 90% output level
VS = 0V
-
140
300
ns
Output rising time
tr1
10% to 90%, Tj=25
C,VBS=15V
-
15
400
ns
tr2
10% to 90%
-
500
ns
Output falling time
tf1
90% to 10%, Tj=25
C,VBS=15V
-
10
150
ns
tf2
90% to 10%
-
500
ns


Similar Part No. - FAN7081_GF085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7081-GF085 ONSEMI-FAN7081-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
More results

Similar Description - FAN7081_GF085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
   High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
   High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392_10 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
FAN7392 FAIRCHILD-FAN7392 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7392 ONSEMI-FAN7392 Datasheet
2Mb / 20P
   High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FAN7371 FAIRCHILD-FAN7371 Datasheet
1Mb / 11P
   High-Current High-Side Gate Drive IC
logo
ON Semiconductor
FAN7371 ONSEMI-FAN7371 Datasheet
1Mb / 13P
   High-Current High-Side Gate Drive IC
Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73711 FAIRCHILD-FAN73711 Datasheet
1Mb / 11P
   High-Current, High-Side Gate Drive IC
logo
ON Semiconductor
FAN73711 ONSEMI-FAN73711 Datasheet
1Mb / 13P
   High-Current, High-Side Gate Drive IC
March 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7371 FAIRCHILD-FAN7371_09 Datasheet
1Mb / 11P
   High-Current High-Side Gate Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com