Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M12L2561616A-7TG2K Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L2561616A-7TG2K
Description  JEDEC standard 3.3V power supply
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L2561616A-7TG2K Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M12L2561616A-7TG2K Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L2561616A-7TG2K Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
ESMT
M12L2561616A (2K)
Elite Semiconductor Memory Technology Inc.
Publication Date: Jun. 2012
Revision: 1.4
5/45
AC OPERATING TEST CONDITIONS (VDD = 3.3V
± 0.3V ,TA = 0 to 70 C
° )
Parameter
Value
Unit
Input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall-time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
(Fig. 1) DC Output Load Circuit
(Fig. 2) AC Output Load Circuit
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Version
Parameter
Symbol
-5
-6
-7
Unit
Note
Row active to row active delay
tRRD(min)
10
12
14
ns
1
RAS to CAS delay
tRCD(min)
15
18
20
ns
1
Row precharge time
tRP(min)
15
18
20
ns
1
tRAS(min)
40
42
45
ns
1
Row active time
tRAS(max)
100
us
@ Operating
tRC(min)
55
60
63
ns
1
Row cycle time
@ Auto refresh
tRFC(min)
55
60
70
ns
1,5
Last data in to col. address delay
tCDL(min)
1
CLK
2
Last data in to row precharge
tRDL(min)
10
12
14
ns
1,2
Last data in to burst stop
tBDL(min)
1
CLK
2
Refresh period (8,192 rows)
tREF(max)
64
ms
6
Col. address to col. address delay
tCCD(min)
1
CLK
3
CAS latency = 3
2
Number of valid
Output data
CAS latency = 2
1
ea
4
Note: 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then
rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
5. A new command may be given tRFC after self refresh exit.
6. A maximum of eight consecutive AUTO REFRESH commands (with tRFCmin) can be posted to any given SDRAM, and the
maximum absolute interval between any AUTO REFRESH command and the next AUTO REFRESH command is
8x7.8 μ s.)


Similar Part No. - M12L2561616A-7TG2K

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L2561616A-7TG ESMT-M12L2561616A-7TG Datasheet
890Kb / 44P
   4M x 16 Bit x 4 Banks Synchronous DRAM
M12L2561616A-7TG ESMT-M12L2561616A-7TG Datasheet
922Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L2561616A-7TG2K

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L2561616A-2S ESMT-M12L2561616A-2S Datasheet
917Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A2E ESMT-M12L128324A2E Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L64164A-2Y ESMT-M12L64164A-2Y Datasheet
1Mb / 45P
   JEDEC standard 3.3V power supply
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
   JEDEC standard 3.3V power supply
M12L128324A-2E ESMT-M12L128324A-2E Datasheet
890Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A-2M ESMT-M12L128324A-2M Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A-2A ESMT-M12L2561616A-2A Datasheet
932Kb / 45P
   JEDEC standard 3.3V power supply
M12L32321A-2G ESMT-M12L32321A-2G Datasheet
525Kb / 28P
   JEDEC standard 3.3V 짹 0.3V power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com